Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F367TE Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB90F367TE
Description  16-bit Proprietary Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F367TE Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB90F367TE Datasheet HTML 3Page - Fujitsu Component Limited. MB90F367TE Datasheet HTML 4Page - Fujitsu Component Limited. MB90F367TE Datasheet HTML 5Page - Fujitsu Component Limited. MB90F367TE Datasheet HTML 6Page - Fujitsu Component Limited. MB90F367TE Datasheet HTML 7Page - Fujitsu Component Limited. MB90F367TE Datasheet HTML 8Page - Fujitsu Component Limited. MB90F367TE Datasheet HTML 9Page - Fujitsu Component Limited. MB90F367TE Datasheet HTML 10Page - Fujitsu Component Limited. MB90F367TE Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
MB90360E Series
7
■ PIN DESCRIPTION
(Continued)
Pin No.
Pin name
I/O circuit
type*
Function
1AVCC
IVCC power input pin for analog circuit.
2
AVR
Power (Vref
+) input pin for A/D converter.
It should be below VCC.
3 to 8
P60 to P65
H
General-purpose I/O port.
AN0 to AN5
Analog input pins for A/D converter.
9, 10
P66, P67
H
General-purpose I/O port.
AN6, AN7
Analog input pins for A/D converter.
PPGC (D) ,
PPGE (F)
Output pins for PPG.
11
P80
F
General-purpose I/O port.
ADTG
Trigger input pin for A/D converter.
INT12R
External interrupt request input pin for INT12.
12 to 14
P50 to P52
H
General-purpose I/O port (P50 has different I/O circuit type from
MB90V340E) .
AN8 to AN10
Analog input pins for A/D converter.
15
P53
H
General-purpose I/O port.
AN11
Analog input pin for A/D converter.
TIN3
Event input pin for reload timer 3.
16
P54
H
General-purpose I/O port.
AN12
Analog input pin for A/D converter.
TOT3
Output pin for reload timer 3
INT8
External interrupt request input pin for INT8.
17 to 19
P55 to P57
H
General-purpose I/O port.
AN13 to AN15
Analog input pins for A/D converter.
INT10, INT11,
INT13
External interrupt request input pins for INT10, INT11, INT13.
20
MD2
D
Input pin for operation mode specification.
21, 22
MD1,
MD0
C
Input pins for operation mode specification.
23
RST
E
Reset input pin.
24
VCC
Power input pin (3.5 V to 5.5 V) .
25
VSS
Power input pin (0 V) .
26
C
I
Power supply stabilization capacitor pin. It should be connected
to a higher than or equal to 0.1
µF ceramic condenser.


Similar Part No. - MB90F367TE

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F367TE FUJITSU-MB90F367TE Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90F367TEPMT FUJITSU-MB90F367TEPMT Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90F367TES FUJITSU-MB90F367TES Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90F367TESPMT FUJITSU-MB90F367TESPMT Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F367TE

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com