Electronic Components Datasheet Search |
|
MB90F867EPF Datasheet(PDF) 11 Page - Fujitsu Component Limited. |
|
MB90F867EPF Datasheet(HTML) 11 Page - Fujitsu Component Limited. |
11 / 67 page MB90860E Series 11 (Continued) Pin No. Pin name I/O Circuit type*3 Function QFP100*1 LQFP100*2 97 P34 G General purpose I/O pin. The register can be set to select whether to use a pull-up resistor. This function is enabled either in single-chip mode or with the hold function disabled. HRQ Hold request input pin. This function is enabled when both the external bus and the hold function are enabled. OUT4 Waveform output pin for output compare 4. 10 8 P35 G General purpose I/O pin. The register can be set to select whether to use a pull-up resistor. This function is enabled either in single-chip mode or with the hold function disabled. HAK Hold acknowledge output pin. This function is enabled when both the external bus and the hold function are enabled. OUT5 Waveform output pin for output compare 5. 11 9 P36 G General purpose I/O pin. The register can be set to select whether to use a pull-up resistor. This function is enabled either in single-chip mode or with the external ready function disabled. RDY External ready input pin. This function is enabled when both the external bus and the external ready function are enabled. OUT6 Waveform output pin for output compare 6. 12 10 P37 G General purpose I/O pin. The register can be set to select whether to use a pull-up resistor. This function is enabled either in single-chip mode or with the clock output disabled. CLK Clock output pin. This function is enabled when both the external bus and clock output are enabled. OUT7 Waveform output pin for output compare 7. 13, 14 11, 12 P40, P41 F General purpose I/O pins. (devices with S-suffix) X0A , X1A B Input pins for sub-clock (devices without S-suffix) 15 13 VCC ⎯ Power (3.5 V to 5.5 V) input pin 16 14 VSS ⎯ GND pin 17 15 C K This is the power supply stabilization capacitor pin. It should be connected to a higher than or equal to 0.1 µF ceramic capacitor. 18 16 P42 F General purpose I/O pin. IN6 Trigger input pin for input capture 6. INT9R External interrupt request input pin (sub) |
Similar Part No. - MB90F867EPF |
|
Similar Description - MB90F867EPF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |