Electronic Components Datasheet Search |
|
MB90F347E Datasheet(PDF) 6 Page - Fujitsu Component Limited. |
|
MB90F347E Datasheet(HTML) 6 Page - Fujitsu Component Limited. |
6 / 84 page MB90340E Series 6 (Continued) *1 : It is setting of Jumper switch (TOOL VCC) when Emulator (MB2147-01) is used. Please refer to the Emulator hardware manual for details. *2 : Embedded Algorithm is a trade mark of Advanced Micro Devices Inc. Part Number Parameter MB90V340E-101, MB90V340E-102 MB90F342E(S), MB90F342CE(S), MB90F343E(S), MB90F343CE(S), MB90F345E(S), MB90F345CE(S), MB90F346E(S), MB90F346CE(S), MB90F347E(S), MB90F347CE(S), MB90F349E(S), MB90F349CE(S) MB90341E(S), MB90341CE(S), MB90342E(S), MB90342CE(S), MB90346E(S), MB90346CE(S), MB90347E(S), MB90347CE(S), MB90348E(S), MB90348CE(S), MB90349E(S), MB90349CE(S) External Interrupt (16 channels) Can be used rising edge, falling edge, starting up by H/L level input, external interrupt, expanded intelligent I/O services (EI2OS) and DMA D/A Converter 2 channels ⎯ Sub clock (maximum 100 kHz) Only for MB90V340E-102 Devices with sub clock : devices without an S suffix in the part number Devices without sub clock : devices with an S suffix in the part number I/O Ports Virtually all external pins can be used as general purpose I/O port All ports are push-pull outputs Bit-wise settable as input/output or peripheral signal Can be configured 8 as CMOS schmitt trigger/ automotive inputs (in blocks of 8 pins) TTL input level settable for external bus (32-pin only for external bus) Flash Memory ⎯ Supports automatic programming, Embedded AlgorithmTM*2 Write/Erase/Erase-Suspend/Resume commands A flag indicating completion of the algorithm Number of erase cycles : 10000 cycles Data retention time : 20 years Boot block configuration Erase can be performed on each block Block protection with external programming voltage Flash Security Feature for protecting the content of the Flash (except for MB90F346E(S) and MB90F346CE (S) ) |
Similar Part No. - MB90F347E |
|
Similar Description - MB90F347E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |