Electronic Components Datasheet Search |
|
MB90F882PMC Datasheet(PDF) 8 Page - Fujitsu Component Limited. |
|
MB90F882PMC Datasheet(HTML) 8 Page - Fujitsu Component Limited. |
8 / 75 page MB90880 Series 8 (Continued) Pin no. Pin name I/O circuit type*3 Function LQFP *1 QFP *2 810 P35 E General-purpose I/O port A05 Serves as an external address pin in non-multiplex mode. ZIN1 8/16-bit up-down counter/timer input pin (ch.1) UCK2/ (SCL2) Multi-function serial clock I/O pin 911 P36 D General-purpose I/O port A06 Serves as an external address pin in non-multiplex mode. AIN1 8/16-bit up-down counter/timer input pin (ch.1) IRQ8 External interrupt input pin 10 12 P37 D General-purpose I/O port A07 Serves as an external address pin in non-multiplex mode. BIN1 8/16-bit up-down counter/timer input pin (ch.1) IRQ9 External interrupt input pin 11 13 P40 A/D General-purpose I/O port A08 Serves as an external address pin in non-multiplex mode. X0A 32 kHz oscillator connecting pin 12 14 P41 A/D General-purpose I/O port A09 Serves as an external address pin in non-multiplex mode. X1A 32 kHz oscillator connecting pin 13 15 VCC - Power supply pin 14 16 VSS - Power supply pin (GND) 15 17 C - Regulator stabilization capacity connecting pin 16 18 P42 E General-purpose I/O port A10 Serves as an external address pin in non-multiplex mode. UI3 Multi-function serial input pin 17 19 P43 E General-purpose I/O port A11 Serves as an external address pin in non-multiplex mode. UO3/ (SDA3) Multi-function serial output pin 18 20 P44 E General-purpose I/O port A12 Serves as an external address pin in non-multiplex mode. UCK3/ (SCL3) Multi-function serial clock I/O pin 19 21 P45 E General-purpose I/O port A13 Serves as an external address pin in non-multiplex mode. UI4 Multi-function serial input pin |
Similar Part No. - MB90F882PMC |
|
Similar Description - MB90F882PMC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |