Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F927PFV-GE1 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90F927PFV-GE1
Description  16-bit Microcontrolle
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F927PFV-GE1 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90F927PFV-GE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F927PFV-GE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F927PFV-GE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB90F927PFV-GE1 Datasheet HTML 10Page - Fujitsu Component Limited. MB90F927PFV-GE1 Datasheet HTML 11Page - Fujitsu Component Limited. MB90F927PFV-GE1 Datasheet HTML 12Page - Fujitsu Component Limited. MB90F927PFV-GE1 Datasheet HTML 13Page - Fujitsu Component Limited. MB90F927PFV-GE1 Datasheet HTML 14Page - Fujitsu Component Limited. MB90F927PFV-GE1 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
MB90925 Series
11
■ I/O CIRCUIT TYPE
(Continued)
Type
Circuit
Remarks
A
• High-speed oscillation pin
Oscillation feedback resistance :
approx. 1 M
Ω (X0, X1 : MAIN)
• Low-speed oscillation pin
Oscillation feedback resistance :
approx. 10 M
Ω (X0A, X1A : SUB)
B
Input dedicated pin (with pull-up resis-
tance)
• Pull-up resistance attached :
approx. 50 k
• Hysteresis input
(VIH/VIL
= 0.8VCC/0.2VCC)
C
Input dedicated pin
Hysteresis input
(VIH/VIL
= 0.8VCC/0.2VCC)
D
Input dedicated pin (with pull-down re-
sistance)
• Pull-down resistance attached :
approx. 50 k
• Hysteresis input
(VIH/VIL
= 0.8VCC/0.2VCC)
E
LCDC output common general-
purpose port
• CMOS output
(IOH/IOL
= ± 4 mA)
• Hysteresis input
(VIH/VIL
= 0.8VCC/0.2VCC)
• Automotive input
(VIH/VIL
= 0.8VCC/0.5VCC)
X1
X0
Xout
Standby control signal
Hysteresis input
Hysteresis input
Hysteresis input
P-ch
N-ch
Standby control signal or
LCDC output switching signal
LCDC output
Hysteresis input
Standby control signal or
LCDC output switching signal
Automotive input
Pout
Nout


Similar Part No. - MB90F927PFV-GE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90F912BSPMC CYPRESS-MB90F912BSPMC Datasheet
11Mb / 65P
   16-bit Microcontroller
logo
Fujitsu Component Limit...
MB90F946A FUJITSU-MB90F946A Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
MB90F946A FUJITSU-MB90F946A Datasheet
1Mb / 72P
   16-bit Proprietary Microcontroller
MB90F946APF FUJITSU-MB90F946APF Datasheet
1Mb / 72P
   16-bit Proprietary Microcontroller
MB90F947 FUJITSU-MB90F947 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F927PFV-GE1

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML620Q503H LAPIS-ML620Q503H Datasheet
903Kb / 35P
   Ultra Low Power 16-bit Microcontrolle
logo
Fujitsu Component Limit...
MB89940 FUJITSU-MB89940 Datasheet
357Kb / 38P
   8-bit Proprietary Microcontrolle
logo
ATMEL Corporation
ATMEGA8535 ATMEL-ATMEGA8535 Datasheet
2Mb / 321P
   8-bit Microcontrolle with 8K Bytes In-System Programmable Flash
logo
Intel Corporation
EE87C196KB16 INTEL-EE87C196KB16 Datasheet
380Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLE
logo
InnovASIC, Inc
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
logo
Texas Instruments
CY74FCT16374T TI-CY74FCT16374T Datasheet
61Kb / 7P
[Old version datasheet]   16-Bit Registers
logo
OKI electronic componet...
ML66517 OKI-ML66517 Datasheet
203Kb / 28P
   16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com