Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90362ES Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90362ES
Description  16-bit Proprietary Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90362ES Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90362ES Datasheet HTML 1Page - Fujitsu Component Limited. MB90362ES Datasheet HTML 2Page - Fujitsu Component Limited. MB90362ES Datasheet HTML 3Page - Fujitsu Component Limited. MB90362ES Datasheet HTML 4Page - Fujitsu Component Limited. MB90362ES Datasheet HTML 5Page - Fujitsu Component Limited. MB90362ES Datasheet HTML 6Page - Fujitsu Component Limited. MB90362ES Datasheet HTML 7Page - Fujitsu Component Limited. MB90362ES Datasheet HTML 8Page - Fujitsu Component Limited. MB90362ES Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
DS07-13746-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2006-2007 FUJITSU LIMITED All rights reserved
“Check Sheet” is seen at the following support page
URL : http://www.fujitsu.com/global/services/microelectronics/product/micom/support/index.html
“Check Sheet” lists the minimal requirement items to be checked to prevent problems beforehand in system
development.
Be sure to refer to the “Check Sheet” for the latest cautions on development.
16-bit Proprietary Microcontroller
CMOS
F2MC-16LX MB90360E Series
MB90362E, MB90362ES, MB90362TE, MB90362TES,
MB90F362E, MB90F362ES, MB90F362TE, MB90F362TES,
MB90367E, MB90367ES, MB90367TE, MB90367TES,
MB90F367E, MB90F367ES, MB90F367TE, MB90F367TES,
MB90V340E-101, MB90V340E-102, MB90V340E-103, MB90V340E-104
■ DESCRIPTION
The MB90360E-series, loaded 1 channel FULL-CAN* interface and Flash ROM, is general-purpose FUJITSU
16-bit microcontroller designing for automotive and industrial applications. Its main feature is the on-board CAN
Interfaces, which conform to Ver 2.0 Part A and Part B, while supporting a very flexible message buffer scheme
and so offering more functions than a normal FULL-CAN approach. With the new 0.35
µm CMOS technology,
Fujitsu now offers on-chip Flash ROM program memory up to 64 Kbytes.
The power supply (3 V) is supplied to the MCU core from an internal regulator circuit. This creates a major
advantage in terms of EMI and power consumption.
The internal PLL clock frequency multiplier provides an internal 42 ns instruction execution time from an external
4 MHz clock. Also, main and sub clock can be monitored independently using the clock supervisor function.
The unit features a 4-channel input capture unit 1 channel 16-bit free running timer, 2-channel UART, and 16-
channel 8/10-bit A/D converter as the peripheral resource.
* : Controller Area Network (CAN) - License of Robert Bosch GmbH
Note : F2MC is the abbreviation of FUJITSU Flexible Microcontroller.


Similar Part No. - MB90362ES

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90362ES FUJITSU-MB90362ES Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90362ESPMT FUJITSU-MB90362ESPMT Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90362ES

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com