Electronic Components Datasheet Search |
|
MB90F882SPF Datasheet(PDF) 7 Page - Fujitsu Component Limited. |
|
MB90F882SPF Datasheet(HTML) 7 Page - Fujitsu Component Limited. |
7 / 75 page MB90880 Series 7 ■ PIN DESCRIPTIONS (Continued) Pin no. Pin name I/O circuit type*3 Function LQFP *1 QFP *2 13 P26 D General-purpose I/O port A22 In multiplex mode, it serves as higher address output pin (A22) when corresponding bit in external address output control register (HACR) is set to "0". In non-multiplex mode, it serves as higher address output pin (A22) when corresponding bit in external address output control register (HACR) is set to "0". TIO2 Base timer I/O pin (ch.2) 24 P27 D General-purpose I/O port A23 In multiplex mode, it serves as higher address output pin (A23) when corresponding bit in external address output control register (HACR) is set to "0". In non-multiplex mode, it serves as higher address output pin (A23) when corresponding bit in external address output control register (HACR) is set to "0". TIO3 Base timer I/O pin (ch.3) 35 P30 E General-purpose I/O port A00 Serves as an external address pin in non-multiplex mode. ZIN0 8/16-bit up-down counter/timer input pin (ch.0) UI1 Multi-function serial input pin 46 P31 E General-purpose I/O port A01 Serves as an external address pin in non-multiplex mode. AIN0 8/16-bit up-down counter/timer input pin (ch.0) UO1/ (SDA1) Multi-function serial output pin 57 P32 E General-purpose I/O port A02 Serves as an external address pin in non-multiplex mode. BIN0 8/16-bit up-down counter/timer input pin (ch.0) UCK1/ (SCL1) Multi-function serial clock I/O pin 68 P33 E General-purpose I/O port A03 Serves as an external address pin in non-multiplex mode. UI2 Multi-function serial input pin 79 P34 E General-purpose I/O port A04 Serves as an external address pin in non-multiplex mode. UO2/ (SDA2) Multi-function serial output pin |
Similar Part No. - MB90F882SPF |
|
Similar Description - MB90F882SPF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |