Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F927 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90F927
Description  16-bit Microcontrolle
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F927 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90F927 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F927 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F927 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F927 Datasheet HTML 9Page - Fujitsu Component Limited. MB90F927 Datasheet HTML 10Page - Fujitsu Component Limited. MB90F927 Datasheet HTML 11Page - Fujitsu Component Limited. MB90F927 Datasheet HTML 12Page - Fujitsu Component Limited. MB90F927 Datasheet HTML 13Page - Fujitsu Component Limited. MB90F927 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
MB90925 Series
10
(Continued)
*1: FPT-100P-M05
*2: FPT-100P-M06
*3: For the I/O circuit type, refer to “
■ I/O CIRCUIT TYPE”
*4: Type C in MB90F927 and MB90F927S, type D in MB90V925-101 and MB90V925-102.
Pin no.
Pin name
I/O
circuit
type*3
Function
LQFP*1
QFP*2
74
76
P56
G
General-purpose input/output port
SGO
Sound generator SGO output pin
FRCK
Free-run timer clock input pin
76
78
P57
G
General-purpose input/output port
SGA
Sound generator SGA output pin
28 to 31
30 to 33
V0 to V3
LCD controller /driver reference power supply pins
56, 66
58, 68
DVCC
Power supply input pins dedicated for high current output buffer
(pin numbers 54 to 57, 59 to 62, 64 to 67, 69 to 72) .
51, 61, 71 53, 63, 73
DVSS
Power supply GND pins dedicated for high current output buffer (pin
numbers 54 to 57, 59 to 62, 64 to 67, 69 to 72) .
32
34
AVCC
A/D converter dedicated power supply input pin
35
37
AVSS
A/D converter dedicated power supply GND pin
33
35
AVRH
A/D converter Vref
+ input pin
47,
48
49,
50
MD0,
MD1
C
Test mode input pins. Connect to VCC.
49
51
MD2
C/D*4
Test mode input pin. Connect to VSS.
25
27
C
External capacitor pin. Connect an 0.1
µF capacitor between this
pin and VSS.
21, 82
23, 84
VCC
Power supply input pins
9, 40, 79
11, 42, 81
VSS
Power supply GND pins


Similar Part No. - MB90F927

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB90F912BSPMC CYPRESS-MB90F912BSPMC Datasheet
11Mb / 65P
   16-bit Microcontroller
logo
Fujitsu Component Limit...
MB90F946A FUJITSU-MB90F946A Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
MB90F946A FUJITSU-MB90F946A Datasheet
1Mb / 72P
   16-bit Proprietary Microcontroller
MB90F946APF FUJITSU-MB90F946APF Datasheet
1Mb / 72P
   16-bit Proprietary Microcontroller
MB90F947 FUJITSU-MB90F947 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F927

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML620Q503H LAPIS-ML620Q503H Datasheet
903Kb / 35P
   Ultra Low Power 16-bit Microcontrolle
logo
Fujitsu Component Limit...
MB89940 FUJITSU-MB89940 Datasheet
357Kb / 38P
   8-bit Proprietary Microcontrolle
logo
ATMEL Corporation
ATMEGA8535 ATMEL-ATMEGA8535 Datasheet
2Mb / 321P
   8-bit Microcontrolle with 8K Bytes In-System Programmable Flash
logo
Intel Corporation
EE87C196KB16 INTEL-EE87C196KB16 Datasheet
380Kb / 22P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLE
logo
InnovASIC, Inc
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
logo
Texas Instruments
CY74FCT16374T TI-CY74FCT16374T Datasheet
61Kb / 7P
[Old version datasheet]   16-Bit Registers
logo
OKI electronic componet...
ML66517 OKI-ML66517 Datasheet
203Kb / 28P
   16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com