Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F884AS Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90F884AS
Description  16-Bit Proprietary Microcontroller
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F884AS Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90F884AS Datasheet HTML 5Page - Fujitsu Component Limited. MB90F884AS Datasheet HTML 6Page - Fujitsu Component Limited. MB90F884AS Datasheet HTML 7Page - Fujitsu Component Limited. MB90F884AS Datasheet HTML 8Page - Fujitsu Component Limited. MB90F884AS Datasheet HTML 9Page - Fujitsu Component Limited. MB90F884AS Datasheet HTML 10Page - Fujitsu Component Limited. MB90F884AS Datasheet HTML 11Page - Fujitsu Component Limited. MB90F884AS Datasheet HTML 12Page - Fujitsu Component Limited. MB90F884AS Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
MB90880 Series
9
(Continued)
Pin no.
Pin
name
I/O
circuit
type*3
Function
LQFP *1
QFP *2
20
22
P46
E
General-purpose I/O port
A14
Serves as an external address pin in non-multiplex mode.
UO4/
(SDA4)
Multi-function serial output pin
21
23
P47
E
General-purpose I/O port
A15
Serves as an external address pin in non-multiplex mode.
UCK4/
(SCL4)
Multi-function serial clock I/O pin
22
24
P90
H
General-purpose I/O port
CS0
Chip select 0
AN8
Analog input pin
23
25
P91
H
General-purpose I/O port
CS1
Chip select 1
AN9
Analog input pin
24
26
P92
H
General-purpose I/O port
CS2
Chip select 2
AN10
Analog input pin
25
27
P93
H
General-purpose I/O port
CS3
Chip select 3
AN11
Analog input pin
26
28
P94
H
General-purpose I/O port
AN12
Analog input pin
27
29
P95
K
General-purpose I/O port
AN13
Analog input pin
(UI3)
Multi-function serial input pin (when set by P9FSR register)
28
30
P96
K
General-purpose I/O port
AN14
Analog input pin
(UO3)/
(SDA3)
Multi-function serial output pin (when set by P9FSR register)
29
31
P97
K
General-purpose I/O port
AN15
Analog input pin
(UCK3)/
(SCL3)
Multi-function serial clock I/O pin (when set by P9FSR register)
30
32
AVCC
-
A/D converter power supply pin
31
33
AVRH
-
A/D converter external reference power supply pin
32
34
P70
H
General-purpose I/O port
AN16
Analog input pin


Similar Part No. - MB90F884AS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F803 FUJITSU-MB90F803 Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90F803PF-G FUJITSU-MB90F803PF-G Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90F803S FUJITSU-MB90F803S Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90F803SPF-G FUJITSU-MB90F803SPF-G Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90F804 FUJITSU-MB90F804 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F884AS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com