Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F883S Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90F883S
Description  16-Bit Proprietary Microcontroller
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F883S Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90F883S Datasheet HTML 6Page - Fujitsu Component Limited. MB90F883S Datasheet HTML 7Page - Fujitsu Component Limited. MB90F883S Datasheet HTML 8Page - Fujitsu Component Limited. MB90F883S Datasheet HTML 9Page - Fujitsu Component Limited. MB90F883S Datasheet HTML 10Page - Fujitsu Component Limited. MB90F883S Datasheet HTML 11Page - Fujitsu Component Limited. MB90F883S Datasheet HTML 12Page - Fujitsu Component Limited. MB90F883S Datasheet HTML 13Page - Fujitsu Component Limited. MB90F883S Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
MB90880 Series
10
(Continued)
Pin no.
Pin
name
I/O
circuit
type*3
Function
LQFP *1
QFP *2
33
35
AVSS
-
A/D converter power supply pin
34
36
P60
H
General-purpose I/O port
AN0
Analog input pin
35
37
P61
H
General-purpose I/O port
AN1
Analog input pin
36
38
P62
H
General-purpose I/O port
AN2
Analog input pin
37
39
P63
H
General-purpose I/O port
AN3
Analog input pin
38
40
P64
H
General-purpose I/O port
AN4
Analog input pin
39
41
P65
H
General-purpose I/O port
AN5
Analog input pin
40
42
P66
H
General-purpose I/O port
AN6
Analog input pin
41
43
P67
H
General-purpose I/O port
AN7
Analog input pin
42
44
VSS
-
Power supply pin (GND)
43
45
P71
K
General-purpose I/O port
IRQ10
External interrupt input pin
AN17
Analog input pin
(UI4)
Multi-function serial input pin (when set by P7FSR register)
44
46
P72
K
General-purpose I/O port
IRQ11
External interrupt input pin
AN18
Analog input pin
(UO4)/
(SDA4)
Multi-function serial output pin (when set by P7FSR register)
45
47
P73
K
General-purpose I/O port
IRQ12
External interrupt input pin
AN19
Analog input pin
(UCK4)/
(SCL4)
Multi-function serial clock I/O pin (when set by F7FSR register)
46
48
P74
G
General-purpose I/O port
IRQ13
External interrupt input pin
UI5
Multi-function serial input pin


Similar Part No. - MB90F883S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F803 FUJITSU-MB90F803 Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90F803PF-G FUJITSU-MB90F803PF-G Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90F803S FUJITSU-MB90F803S Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90F803SPF-G FUJITSU-MB90F803SPF-G Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90F804 FUJITSU-MB90F804 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F883S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com