Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F883S Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB90F883S
Description  16-Bit Proprietary Microcontroller
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F883S Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB90F883S Datasheet HTML 3Page - Fujitsu Component Limited. MB90F883S Datasheet HTML 4Page - Fujitsu Component Limited. MB90F883S Datasheet HTML 5Page - Fujitsu Component Limited. MB90F883S Datasheet HTML 6Page - Fujitsu Component Limited. MB90F883S Datasheet HTML 7Page - Fujitsu Component Limited. MB90F883S Datasheet HTML 8Page - Fujitsu Component Limited. MB90F883S Datasheet HTML 9Page - Fujitsu Component Limited. MB90F883S Datasheet HTML 10Page - Fujitsu Component Limited. MB90F883S Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
MB90880 Series
7
■ PIN DESCRIPTIONS
(Continued)
Pin no.
Pin
name
I/O
circuit
type*3
Function
LQFP *1
QFP *2
13
P26
D
General-purpose I/O port
A22
In multiplex mode, it serves as higher address output pin (A22) when
corresponding bit in external address output control register (HACR)
is set to "0".
In non-multiplex mode, it serves as higher address output pin (A22)
when corresponding bit in external address output control register
(HACR) is set to "0".
TIO2
Base timer I/O pin (ch.2)
24
P27
D
General-purpose I/O port
A23
In multiplex mode, it serves as higher address output pin (A23) when
corresponding bit in external address output control register (HACR)
is set to "0".
In non-multiplex mode, it serves as higher address output pin (A23)
when corresponding bit in external address output control register
(HACR) is set to "0".
TIO3
Base timer I/O pin (ch.3)
35
P30
E
General-purpose I/O port
A00
Serves as an external address pin in non-multiplex mode.
ZIN0
8/16-bit up-down counter/timer input pin (ch.0)
UI1
Multi-function serial input pin
46
P31
E
General-purpose I/O port
A01
Serves as an external address pin in non-multiplex mode.
AIN0
8/16-bit up-down counter/timer input pin (ch.0)
UO1/
(SDA1)
Multi-function serial output pin
57
P32
E
General-purpose I/O port
A02
Serves as an external address pin in non-multiplex mode.
BIN0
8/16-bit up-down counter/timer input pin (ch.0)
UCK1/
(SCL1)
Multi-function serial clock I/O pin
68
P33
E
General-purpose I/O port
A03
Serves as an external address pin in non-multiplex mode.
UI2
Multi-function serial input pin
79
P34
E
General-purpose I/O port
A04
Serves as an external address pin in non-multiplex mode.
UO2/
(SDA2)
Multi-function serial output pin


Similar Part No. - MB90F883S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F803 FUJITSU-MB90F803 Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90F803PF-G FUJITSU-MB90F803PF-G Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90F803S FUJITSU-MB90F803S Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90F803SPF-G FUJITSU-MB90F803SPF-G Datasheet
474Kb / 92P
   16-bit Microcontroller
MB90F804 FUJITSU-MB90F804 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F883S

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com