Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S30011 Datasheet(PDF) 7 Page - AUK corp

Part # S30011
Description  5CH Motor Drive IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S30011 Datasheet(HTML) 7 Page - AUK corp

Back Button S30011 Datasheet HTML 3Page - AUK corp S30011 Datasheet HTML 4Page - AUK corp S30011 Datasheet HTML 5Page - AUK corp S30011 Datasheet HTML 6Page - AUK corp S30011 Datasheet HTML 7Page - AUK corp S30011 Datasheet HTML 8Page - AUK corp S30011 Datasheet HTML 9Page - AUK corp S30011 Datasheet HTML 10Page - AUK corp S30011 Datasheet HTML 11Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
KSI-8017-001
7
S30011
The level shift changes the direction of the current(lconv) as the same amount, and then supply it to the power AMP.
The resistor Ra(21K) converts current into voltage with the DC offset of Pref.
The power amp has unity gain.
So the total differential voltage gain of the S30011 is as follows.
If you want to reduce the total gain of the BTL drive part, use additional series resistor into the input pin(pin#3, 10, 19, 25)
You can also increase or decrease the voltage gain of the CH1, CH4 using adjustable pin(pin#4, pin24) by inserting an external
series resistor.
×+
+
×
×
×
×


Similar Part No. - S30011

ManufacturerPart #DatasheetDescription
logo
AUK corp
S3001 AUK-S3001 Datasheet
765Kb / 19P
   5CH Motor Drive IC
logo
Bothhand USA, LP.
S3001 BOTHHAND-S3001 Datasheet
74Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMER
logo
EnOcean GmbH.
S3001-A202 ENOCEAN-S3001-A202 Datasheet
182Kb / 1P
   Toggle Switch Transmitter Module
April 2021
S3001-A210 ENOCEAN-S3001-A210 Datasheet
170Kb / 1P
   DC Step code and later
Nov 2020
S3001-A215 ENOCEAN-S3001-A215 Datasheet
170Kb / 1P
   DC Step code and later
Nov 2020
More results

Similar Description - S30011

ManufacturerPart #DatasheetDescription
logo
AUK corp
S3001 AUK-S3001 Datasheet
765Kb / 19P
   5CH Motor Drive IC
logo
KODENSHI_AUK CORP.
S3053 KODENSHI-S3053 Datasheet
530Kb / 13P
   5CH BTL Motor Drive IC
S3055 KODENSHI-S3055 Datasheet
521Kb / 13P
   5CH BTL Motor Drive IC
S3056 KODENSHI-S3056 Datasheet
515Kb / 13P
   5CH BTL Motor Drive IC
S3052 KODENSHI-S3052 Datasheet
580Kb / 14P
   5CH BTL Motor Drive IC
S3058 KODENSHI-S3058 Datasheet
465Kb / 12P
   5CH BTL Motor Drive IC
S3057 KODENSHI-S3057 Datasheet
504Kb / 12P
   5CH BTL Motor Drive IC
logo
Princeton Technology Co...
PT5113 PTC-PT5113 Datasheet
197Kb / 4P
   5CH Motor Driver
logo
Rohm
BD6879KN ROHM-BD6879KN Datasheet
315Kb / 6P
   5ch Motor Driver
logo
Princeton Technology Co...
PT5660 PTC-PT5660 Datasheet
222Kb / 5P
   5CH Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com