Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F489BPFV Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB90F489BPFV
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F489BPFV Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90F489BPFV Datasheet HTML 1Page - Fujitsu Component Limited. MB90F489BPFV Datasheet HTML 2Page - Fujitsu Component Limited. MB90F489BPFV Datasheet HTML 3Page - Fujitsu Component Limited. MB90F489BPFV Datasheet HTML 4Page - Fujitsu Component Limited. MB90F489BPFV Datasheet HTML 5Page - Fujitsu Component Limited. MB90F489BPFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90F489BPFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90F489BPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90F489BPFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 120 page
background image
MB90480/485 Series
3
■ PRODUCT LINEUP
• MB90480 series
*1 : User pin : P20 to P27, P30 to P37, P40 to P47, P70 to P77
*2 : It is setting of Jumper switch (TOOL VCC) when emulator (MB2147-01) is used.
Please refer to the MB2147-01 or MB2147-20 hardware manual (3.3 Emulator-dedicated Power Supply
switching) about details.
Note : Ensure that you must write to Flash at VCC
= 3.13 V to 3.60 V (3.3 V + 10%, −5%) .
MB90F481
MB90F482
MB90V480
Classification
Flash memory product
Evaluation product
ROM size
192 Kbytes
256 Kbytes
RAM size
4 Kbytes
6 Kbytes
16 Kbytes
CPU function
Number of instructions
: 351
Instruction bit length
: 8-bit, 16-bit
Instruction length
: 1 byte to 7 bytes
Data bit length
: 1-bit, 8-bit, 16-bit
Minimum instruction execution time : 40 ns (25 MHz machine clock)
Ports
General-purpose I/O ports: up to 84
General-purpose I/O ports (CMOS output)
General-purpose I/O ports (with pull-up resistance)
General-purpose I/O ports (N-ch open drain output)
UART
1 channel, start-stop synchronized
8/16-bit PPG
8-bit
× 6 channels/16-bit × 3 channels
8/16-bit up/down
counter/timer
Event input pins : 6, 8-bit up/down counters : 2
8-bit reload/compare registers : 2
16-bit
I/O timers
16-bit free run timer
Number of channels : 1
Overflow interrupt
Output compare
(OCU)
Number of channels : 6
Pin input factor : A match signal of compare register
Input capture
(ICU)
Number of channels : 2
Rewriting a register value upon a pin input (rising, falling, or both edges)
DTP/external interrupt circuit
Number of external interrupt pin channels : 8 (edge or level detection)
Extended I/O serial interface
Embedded 2 channels
Timebase timer
18-bit counter
Interrupt cycles: 1.0 ms, 4.1 ms, 16.4 ms, 131.1 ms (at 4 MHz base oscillator)
A/D converter
Conversion resolution : 8/10-bit, switchable
One-shot conversion mode (converts selected channel 1 time only)
Scan conversion mode (conversion of multiple consecutive channels,
programmable up to 8 channels)
Continuous conversion mode (repeated conversion of selected channels)
Stop conversion mode (conversion of selected channels with repeated pause)
Watchdog timer
Reset generation interval : 3.58 ms, 14.33 ms, 57.23 ms, 458.75 ms
(minimum value, at 4 MHz base oscillator)
Low-power consumption
(standby) modes
Stop mode, sleep mode, CPU intermittent operation mode, watch timer mode,
timebase timer mode
Process
CMOS
Type
Not included security function
User pin*1,
3 V/5 V versions
Emulator power supply*2
Included
Part number
Item


Similar Part No. - MB90F489BPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F489BPF FUJITSU-MB90F489BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90F489BPF FUJITSU-MB90F489BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
More results

Similar Description - MB90F489BPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com