Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F489BPFV Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90F489BPFV
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F489BPFV Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90F489BPFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90F489BPFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90F489BPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90F489BPFV Datasheet HTML 9Page - Fujitsu Component Limited. MB90F489BPFV Datasheet HTML 10Page - Fujitsu Component Limited. MB90F489BPFV Datasheet HTML 11Page - Fujitsu Component Limited. MB90F489BPFV Datasheet HTML 12Page - Fujitsu Component Limited. MB90F489BPFV Datasheet HTML 13Page - Fujitsu Component Limited. MB90F489BPFV Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 120 page
background image
MB90480/485 Series
10
(Continued)
Pin No.
Pin name
I/O
circuit
type*3
Function
QFP*1 LQFP*2
21, 22
19, 20
P43, P44
F (CMOS)
MB90480
series
This is a general purpose I/O port.
A11, A12
In non-multiplex mode, this pin functions as an external
address pin.
P43, P44
F (CMOS)
MB90485
series
This is a general purpose I/O port.
A11, A12
In non-multiplex mode, this pin functions as an external
address pin.
MT00,
MT01
µPG output pin.
24
22
P45
F
(CMOS)
MB90480
series
This is a general purpose I/O port.
A13
In non-multiplex mode, this pin functions as an external
address pin.
P45
G
(CMOS/H)
MB90485
series
This is a general purpose I/O port.
A13
In non-multiplex mode, this pin functions as an external
address pin.
EXTC*4
µPG input pin.
25, 26
23, 24
P46, P47
F
(CMOS)
This is a general purpose I/O port.
A14, A15
In non-multiplex mode, this pin functions as an external address pin.
OUT4/
OUT5
Output compare event output pins.
70
68
P50
D
(CMOS)
This is a general purpose I/O port. In external bus mode, this pin
functions as the ALE pin.
ALE
In external bus mode, this pin functions as the address load enable
(ALE) signal pin.
71
69
P51
D
(CMOS)
This is a general purpose I/O port. In external bus mode, this pin
functions as the RD pin.
RD
In external bus mode, this pin functions as the read strobe output (RD)
signal pin.
72
70
P52
D
(CMOS)
This is a general purpose I/O port. In external bus mode, when the WRE
bit in the EPCR register is set to “1”, this pin functions as the WRL pin.
WRL
In external bus mode, this pin functions as the lower data write strobe
output (WRL) pin. When the WRE bit in the EPCR register is set to “0”,
this pin functions as a general purpose I/O port.
73
71
P53
D
(CMOS)
This is a general purpose I/O port. In external bus mode with 16-bit bus
width, when the WRE bit in the EPCR register is set to “1”, this pin
functions as the WRH pin.
WRH
In external bus mode with 16-bit bus width, this pin functions as the
upper data write strobe output (WRH) pin. When the WRE bit in the
EPCR register is set to “0”, this pin functions as a general purpose I/O
port.


Similar Part No. - MB90F489BPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F489BPF FUJITSU-MB90F489BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90F489BPF FUJITSU-MB90F489BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
More results

Similar Description - MB90F489BPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com