Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95F104AJSPFM Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB95F104AJSPFM
Description  8-bit Proprietary Microcontrollers
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F104AJSPFM Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB95F104AJSPFM Datasheet HTML 1Page - Fujitsu Component Limited. MB95F104AJSPFM Datasheet HTML 2Page - Fujitsu Component Limited. MB95F104AJSPFM Datasheet HTML 3Page - Fujitsu Component Limited. MB95F104AJSPFM Datasheet HTML 4Page - Fujitsu Component Limited. MB95F104AJSPFM Datasheet HTML 5Page - Fujitsu Component Limited. MB95F104AJSPFM Datasheet HTML 6Page - Fujitsu Component Limited. MB95F104AJSPFM Datasheet HTML 7Page - Fujitsu Component Limited. MB95F104AJSPFM Datasheet HTML 8Page - Fujitsu Component Limited. MB95F104AJSPFM Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
MB95100AM Series
5
(Continued)
MB95
108AM
MB95F
104AMS/
MB95F
106AMS/
MB95F
108AMS
MB95F
104ANS/
MB95F
106ANS/
MB95F
108ANS
MB95F
104AMW/
MB95F
106AMW/
MB95F
108AMW
MB95F
104ANW/
MB95F
106ANW/
MB95F
108ANW
MB95F
104AJS/
MB95F
106AJS/
MB95F
108AJS
MB95F
104AJW/
MB95F
106AJW/
MB95F
108AJW
LIN-UART
Dedicated reload timer allowing a wide range of communication speeds to be set.
Full duplex double buffer
Clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capa-
ble
LIN functions available as the LIN master or LIN slave.
8/10-bit A/D converter
(12 channels)
8-bit or 10-bit resolution can be selected.
16-bit reload timer
Two clock modes and two counter operating modes can be selected. Square wave-
form output
Count clock : 7 internal clocks and external clock can be selected.
Counter operating mode : reload mode or one-shot mode can be selected.
8/16-bit compound
timer (2 channels)
Each channel of the timer can be used as “8-bit timer
× 2 channels” or “16-bit timer
× 1 channel”.
Built-in timer function, PWC function, PWM function, capture function, and square
waveform output
Count clock : 7 internal clocks and external clock can be selected
16-bit PPG
(2 channels)
PWM mode or one-shot mode can be selected.
Counter operating clock : 8 selectable clock sources
Support for external trigger start
8/16-bit PPG
(2 channels)
Each channel of the PPG can be used as 8-bit PPG
× 2 channelsor 16-bit PPG ×
1 channel.
Counter operating clock : Eight selectable clock sources
Watch counter
(for dual clock product)
Count clock : 4 selectable clock sources (125 ms, 250 ms, 500 ms, or 1 s)
Counter value can be set from 0 to 63. (Capable of counting for 1 minute when
selecting clock source 1 second and setting counter value to 60)
Watch prescaler
(for dual clock product)
4 selectable interval times (125 ms, 250 ms, 500 ms, or 1 s)
External interrupt
(12 channels)
Interrupt by edge detection (rising, falling, or both edges can be selected.)
Can be used to recover from standby modes.
Flash memory
Supports automatic programming, Embedded AlgorithmTM *4
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Number of write/erase cycles (Minimum) : 10000 times
Data retention time : 20 years
Erase can be performed on each block
Block protection with external programming voltage
Flash Security Feature for protecting the content of the Flash
(MB95F108AMS/F108ANS/F108AJS/F108AMW/F108ANW/F108AJW only)
Standby mode
Sleep, stop, watch (for dual clock product) , and timebase timer
Part number
Parameter


Similar Part No. - MB95F104AJSPFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95F108AS FUJITSU-MB95F108AS Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95F108AW FUJITSU-MB95F108AW Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95F108BS FUJITSU-MB95F108BS Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95F108BSPFM FUJITSU-MB95F108BSPFM Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95F108BSPFV FUJITSU-MB95F108BSPFV Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB95F104AJSPFM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com