Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F823APFV Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90F823APFV
Description  16-bit Proprietary Microcontroller
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F823APFV Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90F823APFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90F823APFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90F823APFV Datasheet HTML 9Page - Fujitsu Component Limited. MB90F823APFV Datasheet HTML 10Page - Fujitsu Component Limited. MB90F823APFV Datasheet HTML 11Page - Fujitsu Component Limited. MB90F823APFV Datasheet HTML 12Page - Fujitsu Component Limited. MB90F823APFV Datasheet HTML 13Page - Fujitsu Component Limited. MB90F823APFV Datasheet HTML 14Page - Fujitsu Component Limited. MB90F823APFV Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
MB90820 Series
11
(Continued)
Pin no.
Pin name
I/O
circuit *3
Pin status
during
reset
Function
LQFP *1
QFP *2
72, 71
74, 73
P76, P77
K
Analog
input
General-purpose I/O ports.
IN0, IN1
Trigger input pins for input capture ch0, ch1.
AN14,
AN15
A/D converter analog input pins.
70, 69
72, 71
P80, P81
F
Port input
General-purpose I/O ports.
IN2, IN3
Trigger input pins for input capture ch2, ch3.
68 to 63
70 to 65
P82 to P87
L
General-purpose I/O ports.
RTO0 (U)
to
RTO5 (Z)
Waveform generator output pins. These pins output
the waveforms specified at the waveform generator.
Output is generated when waveform generator
output is enabled.
25
27
MD2
M
Mode input
Input pin for operation mode specification.
24, 23
26, 25
MD1, MD0
N
Input pin for operation mode specification.
80
2
AVCC
Analog power supply pin.
79
1
AVR
Vref + pin for the A/D converter.
Vref - is fixed to AVss internally.
13
AVSS
Analog power supply (Ground) pin.
20, 61
22, 63
Vss
Power (Ground) pin.
40, 60
42, 62
Vcc
Power pin.
62
64
C
Connect pin for smoothing capacitor to stabilize in-
ternal power supply.
*1: FPT-80P-M05, FPT-80P-M11
*2: FPT-80P-M06
*3: See “■ I/O CIRCUIT TYPE”.


Similar Part No. - MB90F823APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F823B FUJITSU-MB90F823B Datasheet
1Mb / 56P
   16-bit Microcontroller
MB90F823BPF FUJITSU-MB90F823BPF Datasheet
1Mb / 56P
   16-bit Microcontroller
MB90F823BPMC FUJITSU-MB90F823BPMC Datasheet
1Mb / 56P
   16-bit Microcontroller
MB90F823BPMC1 FUJITSU-MB90F823BPMC1 Datasheet
1Mb / 56P
   16-bit Microcontroller
logo
List of Unclassifed Man...
MB90F823PF ETC1-MB90F823PF Datasheet
1Mb / 98P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F823APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com