Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F378PFF-GE1 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90F378PFF-GE1
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F378PFF-GE1 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90F378PFF-GE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB90F378PFF-GE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB90F378PFF-GE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB90F378PFF-GE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F378PFF-GE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F378PFF-GE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F378PFF-GE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F378PFF-GE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F378PFF-GE1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
MB90378 Series
2
■ FEATURES
• Clock
• Embedded PLL clock multiplication circuit
• Operating clock (PLL clock) can selected from divided-by-2 of oscillation or one to four times the oscillation
(at oscillation of 4 MHz to 20 MHz)
• Minimum instruction execution time of 50 ns (at oscillation of 5 MHz, four times the PLL clock, operation at
VCC of 3.3 V)
• CPU addressing space of 16 Mbytes
Internal 24-bit addressing
• Instruction set optimized for controller applications
• Rich data types (bit, byte, word, long word)
• Rich addressing mode (23 types)
• High code efficiency
• Enhanced precision calculation realized by the 32-bit accumulator
• Instruction set designed for high level language (C) and multi-task operations
• Adoption of system stack pointer
• Enhanced pointer indirect instructions
• Barrel shift instructions
• Program patch function (2 address pointer)
• Improved execution speed
4-byte instruction queue
• Powerful interrupt function
• Priority level programmable : 8 levels
• 32 factors of stronger interrupt function
• Automatic data transmission function independent of CPU operation
• Extended intelligent I/O service function (EI2OS)
• Maximum 16 channels
• Low-power consumption (standby) mode
• Sleep mode (mode in which CPU operating clock is stopped)
• Timebase timer mode (mode in which operations other than timebase timer and watch timer are stopped)
• Stop mode (mode in which all oscillations are stopped)
• CPU intermittent operation mode
• Watch mode
• Dual operation flash
Upper and lower banks of flash memory can be used to execute erase/program and read operation
concurrently (MB90F378)
• Package
LQFP-144 (FPT-144P-M12 : 0.4 mm pitch)
• Process
CMOS technology


Similar Part No. - MB90F378PFF-GE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F378PFF-GE1 FUJITSU-MB90F378PFF-GE1 Datasheet
480Kb / 65P
   16-BIT PROPRIETARY MICROCONTROLLER
More results

Similar Description - MB90F378PFF-GE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com