Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90378 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB90378
Description  16-bit Proprietary Microcontroller
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90378 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90378 Datasheet HTML 1Page - Fujitsu Component Limited. MB90378 Datasheet HTML 2Page - Fujitsu Component Limited. MB90378 Datasheet HTML 3Page - Fujitsu Component Limited. MB90378 Datasheet HTML 4Page - Fujitsu Component Limited. MB90378 Datasheet HTML 5Page - Fujitsu Component Limited. MB90378 Datasheet HTML 6Page - Fujitsu Component Limited. MB90378 Datasheet HTML 7Page - Fujitsu Component Limited. MB90378 Datasheet HTML 8Page - Fujitsu Component Limited. MB90378 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
MB90378 Series
3
■ PRODUCT LINEUP
(Continued)
Part number
Parameter
MB90F378
MB90V378
Classification
Flash type ROM
ROM size
128 Kbytes (112 Kbytes
+ 16 Kbytes)
Dual operation
RAM size
6 Kbytes
15.6 Kbytes
CPU function
Number of instruction
: 351
Minimum execution time : 50 ns/5 MHz (PLL x 4)
Addressing mode
: 23
Data bit length
: 1, 8, 16 bits
Maximum memory space : 16 Mbytes
I/O port
I/O port (Nch)
: 25
I/O port (CMOS)
: 68
I/O port (CMOS with pull-up control) : 32
Total
: 125
16-bit reload timer
Reload timer : 6 channels
Reload mode, single-shot mode or event count mode selectable
8/16-bit PPG timer
PPG timer : 2 channels (8-bit mode, 4 channels)
16-bit PPG timer
PPG timer : 3 channels
PWM mode or single-shot mode selectable
Bit decoder
Bit decoder : 1 channel
Parity generator
Parity generator : 1 channel
Selectable odd/even parity
PS/2 interface
PS/2 interface : 3 channels
4 selectable sampling clocks
LPC interface
LPC bus interface
: 1 channel
Universal peripheral Interface : 4 channels
GA20 output control
: for UPI ch 0 only
Data buffer array
: 80 bytes
Serial IRQ controller
Serial IRQ request : 6 channels
LPC clock monitor/control
UART
With full-duplex double buffer (variable data length)
Clock asynchronized or clock synchronized transmission (with start and stop
bits) can be selectively used
I2C
I2C (SMbus compliant) : 1 channel
Support I2C bus of PHILIPS and the SMbus proposed by Intel I2C bus
Selectable packet error check
Timeout detection function
Multi-address I2C
Multi-address I2C (SMbus compliant) : 1 channel
Support I2C bus of PHILIPS and the SMbus proposed by Intel I2C bus
Selectable packet error check
Timeout detection function
6 addresses support
ALERT function


Similar Part No. - MB90378

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90378 FUJITSU-MB90378 Datasheet
653Kb / 60P
   f16-bit Proprietary Microcontroller
MB90378 FUJITSU-MB90378_05 Datasheet
653Kb / 60P
   f16-bit Proprietary Microcontroller
More results

Similar Description - MB90378

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com