Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THN6501S Datasheet(PDF) 1 Page - AUK corp

Part # THN6501S
Description  SiGe NPN Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

THN6501S Datasheet(HTML) 1 Page - AUK corp

  THN6501S Datasheet HTML 1Page - AUK corp THN6501S Datasheet HTML 2Page - AUK corp THN6501S Datasheet HTML 3Page - AUK corp THN6501S Datasheet HTML 4Page - AUK corp THN6501S Datasheet HTML 5Page - AUK corp THN6501S Datasheet HTML 6Page - AUK corp THN6501S Datasheet HTML 7Page - AUK corp THN6501S Datasheet HTML 8Page - AUK corp THN6501S Datasheet HTML 9Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
THN6501 Series
SiGe NPN Transistor
□ Application
LNA and wide band amplifier up to GHz range
□ Features
o Low Noise Figure
NF = 1.0 dB at f = 1 GHz, VCE = 3 V, IC = 7 mA
o High Power Gain
MAG = 15 dB at f = 1 GHz, VCE = 3 V, IC = 7 mA
o High Transition Frequency
fT = 9 GHz at VCE = 3 V, IC = 30 mA
Pin Configuration
Pin No
1
2
3
□ h
FE Classification
Product
THN6501S
THN6501U
THN6501Z
THN6501E
□ Absolute Maximum Ratings
Caution : Electro Static Senetive Device
□ Available Package
Description
Base
Symbol
B
Unit : mm
SOT-523
1.6ⅹ0.8, 0.8t
Emitter
C
Collector
Ic
Symbol
Ratings
Unit
mA
mW
150
V
V
V
20
12
2.5
VCEO
VEBO
AB2
hFE
125 to 300 80 to 160
Marking
AB1
Parameter
Collector to Base Breakdown Voltage
Collector to Emitter Breakdown Voltage
Emitter to Base Breakdown Voltage
SOT-343
SOT-323
E
-65 ~ 150
2.0ⅹ1.25, 1.0t
Package
Dimension
SOT-23
2.9ⅹ1.3, 1.2t
2.0ⅹ1.25, 1.0t
150
Operating Junction Temperature
PT
TSTG
TJ
Storage Temperature
VCBO
100
Collector Current (DC)
Total Power Dissipation
SOT-523
Unit in mm
Semiconductor
1


Similar Part No. - THN6501S

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN6501S TACHYONICS-THN6501S Datasheet
231Kb / 13P
   NPN SiGe RF TRANSISTOR
THN6501S TACHYONICS-THN6501S Datasheet
122Kb / 13P
   NPN Planer RF TRANSISTOR
More results

Similar Description - THN6501S

ManufacturerPart #DatasheetDescription
logo
AUK corp
THN6701B AUK-THN6701B Datasheet
543Kb / 6P
   SiGe NPN Transistor
THN6702F AUK-THN6702F Datasheet
192Kb / 4P
   SiGe NPN Transistor
THN4301U AUK-THN4301U Datasheet
257Kb / 15P
   SiGe NPN Transistor
THN6501F AUK-THN6501F Datasheet
189Kb / 11P
   SiGe NPN Transistor
THN4201U AUK-THN4201U Datasheet
239Kb / 12P
   SiGe NPN Transistor
THN405Z AUK-THN405Z Datasheet
178Kb / 5P
   SiGe NPN Transistor
THN6201S AUK-THN6201S Datasheet
252Kb / 13P
   SiGe NPN Transistor
THN6301S AUK-THN6301S Datasheet
221Kb / 11P
   SiGe NPN Transistor
THN5702F AUK-THN5702F Datasheet
257Kb / 8P
   SiGe NPN Transistor
THN4501U AUK-THN4501U Datasheet
257Kb / 15P
   SiGe NPN Transistor
THN420Z AUK-THN420Z Datasheet
245Kb / 5P
   SiGe NPN Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com