Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F481 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90F481
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F481 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90F481 Datasheet HTML 1Page - Fujitsu Component Limited. MB90F481 Datasheet HTML 2Page - Fujitsu Component Limited. MB90F481 Datasheet HTML 3Page - Fujitsu Component Limited. MB90F481 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F481 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F481 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F481 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F481 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F481 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 120 page
background image
MB90480/485 Series
5
(Continued)
*1 : 3 V/5 V I/F pin : All pins should be for 3 V power supply without P20 to P27, P30 to P37, P40 to P47, and
P70 to P77.
*2 : P76/P77 pins are N-ch open drain pins (without P-ch) at built-in I2C. However, MB90V485B uses the N-ch open
drain pin (with P-ch) .
*3 : It is setting of Jumper switch (TOOL VCC) when emulator (MB2147-01) is used.
Please refer to the MB2147-01 or MB2147-20 hardware manual (3.3 Emulator-dedicated Power Supply
Switching) about details.
Notes :
• As for MB90V485B, input pins (PWC0, PWC1, PWC2/EXTC/SCL and SDA pins) for PWC/µPG/I2C
become CMOS input.
• Ensure that you must write to Flash at VCC = 3.13 V to 3.60 V (3.3 V + 10%, − 5%) .
MB90487B
MB90488B
MB90F488B MB90V485B MB90F489B
MB90483C
Watchdog timer
Reset generation interval: 3.58 ms, 14.33 ms, 57.23 ms, 458.75 ms
(minimum value, at 4 MHz base oscillator)
Low-power
consumption (standby)
modes
Stop mode, sleep mode, CPU intermittent operation mode, watch timer mode, timebase
timer mode
Process
CMOS
Type
3 V/5 V
power
supply*1
3 V/5 V
power
supply*1
3 V/5 V power
supply*1
Included
security
function
3 V/5 V
power
supply*1
3 V/5 V power
supply*1
Included
security
function
3 V/5 V
power
supply*1
Emulator power
supply*3
⎯⎯
Included
⎯⎯
Part number
Item


Similar Part No. - MB90F481

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90F481B FUJITSU-MB90F481B Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90F481B FUJITSU-MB90F481B Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90F481BPF FUJITSU-MB90F481BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
MB90F481BPF FUJITSU-MB90F481BPF Datasheet
629Kb / 124P
   16-bit Microcontroller
More results

Similar Description - MB90F481

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com