Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90480 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 7Page - Fujitsu Component Limited. MB90480 Datasheet HTML 8Page - Fujitsu Component Limited. MB90480 Datasheet HTML 9Page - Fujitsu Component Limited. MB90480 Datasheet HTML 10Page - Fujitsu Component Limited. MB90480 Datasheet HTML 11Page - Fujitsu Component Limited. MB90480 Datasheet HTML 12Page - Fujitsu Component Limited. MB90480 Datasheet HTML 13Page - Fujitsu Component Limited. MB90480 Datasheet HTML 14Page - Fujitsu Component Limited. MB90480 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 120 page
background image
MB90480/485 Series
11
(Continued)
Pin No.
Pin name
I/O
circuit
type*3
Function
QFP*1 LQFP*2
74
72
P54
D
(CMOS)
This is a general purpose I/O port. In external bus mode, when the
HDE bit in the EPCR register is set to “1”, this pin functions as the
HRQ pin.
HRQ
In external bus mode, this pin functions as the hold request input
(HRQ) pin. When the HDE bit in the EPCR register is set to “0”, this
pin functions as a general purpose I/O port.
75
73
P55
D
(CMOS)
This is a general purpose I/O port. In external bus mode, when the
HDE bit in the EPCR register is set to “1”, this pin functions as the HAK
pin.
HAK
In external bus mode, this pin functions as the hold acknowledge out-
put (HAK) pin. When the HDE bit in the EPCR register is set to “0”, this
pin functions as a general purpose I/O port.
76
74
P56
D
(CMOS)
This is a general purpose I/O port. In external bus mode, when the
RYE bit in the EPCR register is set to “1”, this pin functions as the RDY
pin.
RDY
In external bus mode, this pin functions as the external ready (RDY)
input pin. When the RYE bit in the EPCR register is set to “0”, this pin
functions as a general purpose I/O port.
78
76
P57
D
(CMOS)
This is a general purpose I/O port. In external bus mode, when the
CKE bit in the EPCR register is set to “1”, this pin functions as the CLK
pin.
CLK
In external bus mode, this pin functions as the machine cycle clock
(CLK) output pin. When the CKE bit in the EPCR register is set to
“0”, this pin functions as a general purpose I/O port.
38 to
41
36 to 39
P60 to P63
H
(CMOS)
These are general purpose I/O ports.
AN0 to AN3
These are the analog input pins for A/D converter.
43 to
46
41 to 44
P64 to P67
H
(CMOS)
These are general purpose I/O ports.
AN4 to AN7
These are the analog input pins for A/D converter.
27
25
P70
G
(CMOS/H)
This is a general purpose I/O port.
SIN0
This is the UART serial data input pin.
28
26
P71
F
(CMOS)
This is a general purpose I/O port.
SOT0
This is the UART serial data output pin.
29
27
P72
G
(CMOS/H)
This is a general purpose I/O port.
SCK0
This is the UART serial communication clock I/O pin.
30
28
P73
G
(CMOS/H)
This is a general purpose I/O port.
TIN0
This is the 16-bit reload timer event input pin.
31
29
P74
F
(CMOS)
This is a general purpose I/O port.
TOT0
This is the 16-bit reload timer output pin.


Similar Part No. - MB90480

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90480B FUJITSU-MB90480B Datasheet
1Mb / 124P
   16-bit Microcontroller
MB90480B FUJITSU-MB90480B_10 Datasheet
629Kb / 124P
   16-bit Microcontroller
More results

Similar Description - MB90480

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com