Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95F136NBW Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB95F136NBW
Description  8-bit Microcontrollers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F136NBW Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB95F136NBW Datasheet HTML 3Page - Fujitsu Component Limited. MB95F136NBW Datasheet HTML 4Page - Fujitsu Component Limited. MB95F136NBW Datasheet HTML 5Page - Fujitsu Component Limited. MB95F136NBW Datasheet HTML 6Page - Fujitsu Component Limited. MB95F136NBW Datasheet HTML 7Page - Fujitsu Component Limited. MB95F136NBW Datasheet HTML 8Page - Fujitsu Component Limited. MB95F136NBW Datasheet HTML 9Page - Fujitsu Component Limited. MB95F136NBW Datasheet HTML 10Page - Fujitsu Component Limited. MB95F136NBW Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
MB95130MB Series
7
■ DIFFERENCES AMONG PRODUCTS AND NOTES ON SELECTING PRODUCTS
• Notes on using evaluation products
The Evaluation product has not only the functions of the MB95130MB series but also those of other products to
support software development for multiple series and models of the F2MC-8FX. The I/O addresses for peripheral
resources not used by the MB95130MB series are therefore access-barred. Read/write access to those access-
barred addresses may cause peripheral resources supposed to be unused to operate, resulting in unexpected
malfunctions of hardware or software.
Particularly, do not use word access to an odd-numbered-byte address in the prohibited areas (If such access is
used, the address may be read or written unexpectedly) .
Also, as the read values of prohibited addresses on the evaluation product are different to the values on the flash
memory and mask ROM products, do not use these values in the software processing.
The Evaluation product does not support the functions of some bits in single-byte registers. Read/write access
to these bits does not cause hardware malfunctions. No particular precautions are required to the flash memory
and mask ROM products, as they have the identical read/write operation to the evaluation products.
• Difference of memory spaces
If the amount of memory on the Evaluation product is different from that of the Flash memory or MASK ROM
product, carefully check the difference in the amount of memory from the model to be actually used when
developing software.
For details of memory space, refer to “
■ CPU CORE”.
• Current consumption
• The current consumption of Flash memory product is greater than for MASK ROM product.
• For details of current consumption, refer to “■ ELECTRICAL CHARACTERISTICS”.
• Package
For details of information on each package, refer to “
■ PACKAGES AND CORRESPONDING PRODUCTS”
and “
■ PACKAGE DIMENSION”.
• Operating voltage
The operating voltage is different among the Evaluation, Flash memory, and MASK ROM products.
For details of the operating voltage, refer to “
■ ELECTRICAL CHARACTERISTICS”.
• Difference MOD Pins
A pull-down resistor is provided for the MOD pin of the MASK ROM product.


Similar Part No. - MB95F136NBW

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95F136NS FUJITSU-MB95F136NS Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95F136NW FUJITSU-MB95F136NW Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB95F136NBW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com