Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95FV100D-103 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB95FV100D-103
Description  8-bit Proprietary Microcontrollers
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95FV100D-103 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB95FV100D-103 Datasheet HTML 1Page - Fujitsu Component Limited. MB95FV100D-103 Datasheet HTML 2Page - Fujitsu Component Limited. MB95FV100D-103 Datasheet HTML 3Page - Fujitsu Component Limited. MB95FV100D-103 Datasheet HTML 4Page - Fujitsu Component Limited. MB95FV100D-103 Datasheet HTML 5Page - Fujitsu Component Limited. MB95FV100D-103 Datasheet HTML 6Page - Fujitsu Component Limited. MB95FV100D-103 Datasheet HTML 7Page - Fujitsu Component Limited. MB95FV100D-103 Datasheet HTML 8Page - Fujitsu Component Limited. MB95FV100D-103 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
MB95100AM Series
4
■ PRODUCT LINEUP
(Continued)
MB95
108AM
MB95F
104AMS/
MB95F
106AMS/
MB95F
108AMS
MB95F
104ANS/
MB95F
106ANS/
MB95F
108ANS
MB95F
104AMW/
MB95F
106AMW/
MB95F
108AMW
MB95F
104ANW/
MB95F
106ANW/
MB95F
108ANW
MB95F
104AJS/
MB95F
106AJS/
MB95F
108AJS
MB95F
104AJW/
MB95F
106AJW/
MB95F
108AJW
Type
MASK
ROM
product
Flash memory product
ROM capacity*1
60 Kbytes (Max)
RAM capacity*1
2 Kbytes (Max)
Reset output
Yes
No
Clock system
Selectable
single/dual
clock*3
Single clock
Dual clock
Single clock
Dual clock
Low voltage
detection reset
Yes/No
No
Yes
No
Yes
Clock supervisor
No
Yes
CPU functions
Number of basic instructions
: 136
Instruction bit length
: 8 bits
Instruction length
: 1 to 3 bytes
Data bit length
: 1, 8, and 16 bits
Minimum instruction execution time : 61.5 ns (at machine clock frequency 16.25 MHz)
Interrupt processing time
: 0.6
µs (at machine clock frequency 16.25 MHz)
General-pur-
pose I/O ports
• Single clock product : 54 ports (N-ch open drain : 6 ports, CMOS : 48 ports)
• Dual clock product : 52 ports (N-ch open drain : 6 ports, CMOS : 46 ports)
Programmable input voltage levels of port :
Automotive input level
/ CMOS input level / hysteresis input level
Timebase timer
Interrupt cycle : 0.5 ms, 2.1 ms, 8.2 ms, 32.8 ms (at main oscillation clock 4 MHz)
Watchdog timer
Reset generated cycle
At main oscillation clock 10 MHz
: Min 105 ms
At sub oscillation clock 32.768 kHz (for dual clock product) : Min 250 ms
Wild register
Capable of replacing 3 bytes of ROM data
I2C
Master/slave sending and receiving
Bus error function and arbitration function
Detecting transmitting direction function
Start condition repeated generation and detection functions
Built-in wake-up function
UART/SIO
Data transfer capable in UART/SIO
Full duplex double buffer, variable data length (5/6/7/8-bit), built-in baud rate generator
NRZ type transfer format, error detected function
LSB-first or MSB-first can be selected.
Clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capable
Part number
Parameter


Similar Part No. - MB95FV100D-103

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95FV100D-103 FUJITSU-MB95FV100D-103 Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95FV100D-103 FUJITSU-MB95FV100D-103 Datasheet
1Mb / 74P
   8-bit Microcontroller
MB95FV100D-103 FUJITSU-MB95FV100D-103 Datasheet
1Mb / 80P
   8-bit Microcontrollers
MB95FV100D-103 FUJITSU-MB95FV100D-103 Datasheet
1Mb / 68P
   8-bit Microcontroller
MB95FV100D-103PBT FUJITSU-MB95FV100D-103PBT Datasheet
1Mb / 74P
   8-bit Microcontroller
More results

Similar Description - MB95FV100D-103

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com