Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95116BPMT Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB95116BPMT
Description  8-bit Proprietary Microcontrollers
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95116BPMT Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB95116BPMT Datasheet HTML 7Page - Fujitsu Component Limited. MB95116BPMT Datasheet HTML 8Page - Fujitsu Component Limited. MB95116BPMT Datasheet HTML 9Page - Fujitsu Component Limited. MB95116BPMT Datasheet HTML 10Page - Fujitsu Component Limited. MB95116BPMT Datasheet HTML 11Page - Fujitsu Component Limited. MB95116BPMT Datasheet HTML 12Page - Fujitsu Component Limited. MB95116BPMT Datasheet HTML 13Page - Fujitsu Component Limited. MB95116BPMT Datasheet HTML 14Page - Fujitsu Component Limited. MB95116BPMT Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
MB95110B Series
11
(Continued)
*1 : FPT-48P-M26
*2 : FPT-52P-M01
*3 : For the I/O circuit type, refer to “
■ I/O CIRCUIT TYPE”
Pin no.
Pin name
I/O
Circuit
type*3
Function
LQFP*1
LQFP*2
27
29
PG2/X1A
H/A
This pin is general-purpose port in single clock product (PG2) .
This pin is sub clock oscillation pin in dual clock product (32 kHz) .
28
30
PG1/X0A
This pin is general-purpose port in single clock product (PG1) .
This pin is sub clock oscillation pin in dual clock product (32 kHz) .
29
31
RST
B’
Reset pin
30
32
P00/INT00
C
General-purpose I/O port.
The pins are shared with external interrupt input. Large current port.
31
34
P01/INT01
32
35
P02/INT02
33
36
P03/INT03
34
37
P04/INT04
35
38
P05/INT05
36
39
P06/INT06
37
40
P07/INT07
38
41
P10/UI0
G
General-purpose I/O port.
The pin is shared with UART/SIO ch.0 data input.
39
42
P11/UO0
H
General-purpose I/O port.
The pin is shared with UART/SIO ch.0 data output.
40
43
P12/UCK0
General-purpose I/O port.
The pin is shared with UART/SIO ch.0 clock I/O.
41
44
P13/TRG0/
ADTG
General-purpose I/O port.
The pin is shared with 16-bit PPG ch.0 trigger input (TRG0) and
A/D converter trigger input (ADTG).
42
45
P14/PPG0
General-purpose I/O port.
The pin is shared with 16-bit PPG ch.0 output.
43
47
P15
General-purpose I/O port.
44
48
P60/PPG10
K
General-purpose I/O port.
The pins are shared with 8/16-bit PPG ch.1 output.
45
49
P61/PPG11
46
50
P62/TO10
General-purpose I/O port.
The pins are shared with 8/16-bit compound timer ch.1 output.
47
51
P63/TO11
48
52
P64/EC1
General-purpose I/O port.
The pin is shared with 8/16-bit compound timer ch.1 clock input.
7, 20,
33, 46
NC
Internal connect pin.
Be sure this pin is left open.


Similar Part No. - MB95116BPMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95116BPMT FUJITSU-MB95116BPMT Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB95116BPMT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com