Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC564E Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC564E
Description  High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC564E Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC564E Datasheet HTML 1Page - Texas Instruments CD74HC564E Datasheet HTML 2Page - Texas Instruments CD74HC564E Datasheet HTML 3Page - Texas Instruments CD74HC564E Datasheet HTML 4Page - Texas Instruments CD74HC564E Datasheet HTML 5Page - Texas Instruments CD74HC564E Datasheet HTML 6Page - Texas Instruments CD74HC564E Datasheet HTML 7Page - Texas Instruments CD74HC564E Datasheet HTML 8Page - Texas Instruments CD74HC564E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS188C
Features
• Buffered Inputs
• Common Three-State Output-Enable Control
• Three-State Outputs
• Bus Line Driving Capability
• Typical Propagation Delay = 13ns at VCC = 5V,
CL = 15pF, TA = 25
oC (Clock to Output)
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC534, ’HCT534, ’HC564, and ’HCT564 are high speed
Octal D-Type Flip-Flops manufactured with silicon gate CMOS
technology. They possess the low power consumption of stan-
dard CMOS integrated circuits, as well as the ability to drive
15 LSTTL loads. Due to the large output drive capability and
the three-state feature, these devices are ideally suited for
interfacing with bus lines in a bus organized system. The two
types are functionally identical and differ only in their pinout
arrangements.
The ’HC534, ’HCT534, ’HC564, and ’HCT564 are positive
edge triggered flip-flops. Data at the D inputs, meeting the
setup and hold time requirements, are inverted and trans-
ferred to the Q outputs on the positive going transition of the
CLOCK input. When a high logic level is applied to the OUT-
PUT ENABLE input, all outputs go to a high impedance state,
regardless of what signals are present at the other inputs and
the state of the storage elements.
The HCT logic family is speed, function, and pin compatible
with the standard LS logic family.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC534F3A
-55 to 125
20 Ld CERDIP
CD54HC564F3A
-55 to 125
20 Ld CERDIP
CD54HCT534F3A
-55 to 125
20 Ld CERDIP
CD54HCT564F3A
-55 to 125
20 Ld CERDIP
CD74HC534E
-55 to 125
20 Ld PDIP
CD74HC564E
-55 to 125
20 Ld PDIP
CD74HC564M
-55 to 125
20 Ld SOIC
CD74HC564M96
-55 to 125
20 Ld SOIC
CD74HCT534E
-55 to 125
20 Ld PDIP
CD74HCT564E
-55 to 125
20 Ld PDIP
CD74HCT564M
-55 to 125
20 Ld SOIC
January 1998 - Revised April 2004
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2004, Texas Instruments Incorporated
CD54/74HC534, CD54/74HCT534,
CD54/74HC564, CD54/74HCT564
High-Speed CMOS Logic Octal D-Type Flip-Flop,
Three-State Inverting Positive-Edge Triggered
[ /Title
(CD74
HC534
,
CD74
HCT53
4,
CD74
HC564
,
CD74
HCT56


Similar Part No. - CD74HC564E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC564E TI-CD74HC564E Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD74HC564E TI-CD74HC564E Datasheet
287Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD74HC564E TI-CD74HC564E Datasheet
461Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD74HC564EE4 TI-CD74HC564EE4 Datasheet
287Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
More results

Similar Description - CD74HC564E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC534 TI-CD74HC534 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534 Datasheet
287Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534_08 Datasheet
461Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD74HC374 TI-CD74HC374 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered
logo
Intersil Corporation
CD54AC5343A INTERSIL-CD54AC5343A Datasheet
9Kb / 1P
   Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered, Inverting
June 1997
CD54AC574 INTERSIL-CD54AC574 Datasheet
9Kb / 1P
   Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered, Non-Inverting
June 1997
CD54AC374 INTERSIL-CD54AC374 Datasheet
9Kb / 1P
   Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered, Non-Inverting
June 1997
logo
Texas Instruments
CD74HCT574-EP TI1-CD74HCT574-EP Datasheet
622Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC OCTAL D-TYPE FLIP-FLOP 3-STATE,POSITIVE-EDGE TRIGGERED
CD54HC374 TI-CD54HC374_07 Datasheet
454Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
CD54HC374 TI-CD54HC374_03 Datasheet
48Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, 3-State Positive-Edge Triggered
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com