Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95F108BW Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB95F108BW
Description  8-bit Proprietary Microcontrollers
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F108BW Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB95F108BW Datasheet HTML 1Page - Fujitsu Component Limited. MB95F108BW Datasheet HTML 2Page - Fujitsu Component Limited. MB95F108BW Datasheet HTML 3Page - Fujitsu Component Limited. MB95F108BW Datasheet HTML 4Page - Fujitsu Component Limited. MB95F108BW Datasheet HTML 5Page - Fujitsu Component Limited. MB95F108BW Datasheet HTML 6Page - Fujitsu Component Limited. MB95F108BW Datasheet HTML 7Page - Fujitsu Component Limited. MB95F108BW Datasheet HTML 8Page - Fujitsu Component Limited. MB95F108BW Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
MB95100B Series
4
(Continued)
*1 : Specify clock mode when ordering MASK ROM.
*2 : MB95F108BS/MB95D108BS is single clock and MB95F108BW/MB95D108BW is dual clock.
*3 : This device is under development.
*4 : For details of option, refer to “
■ MASK OPTION”.
*5 : MB95D108BS/D108BW/R107B contain 4 general-purpose I/O ports for N-ch open drain. Port number other
than MB95D108BS/D108BW/R107B has 6 general-purpose I/O ports for N-ch open drain.
*6 : Embedded Algorithm is a trade mark of Advanced Micro Devices Inc.
Note : Part number of the evaluation products in MB95100B series is MB95FV100D-101. When using it, the MCU
board (MB2146-301A) is required.
Part number
Parameter
MB95107B
MB95F108BS/
MB95F108BW
MB95R107B*3
MB95D108BS/
MB95D108BW
16-bit reload timer
Two clock modes and two counter operating modes can be selected. Square wave form
output
Count clock : 7 internal clocks and external clock can be selected.
Counter operating mode : reload mode or one-shot mode can be selected.
8/16-bit compound
timer (2 channels)
Each channel of the timer can be used as “8-bit timer
× 2 channels” or “16-bit timer × 1
channel”.
Built-in timer function, PWC function, PWM function, capture function and square
wave form output
Count clock : 7 internal clocks and external clock can be selected.
16-bit PPG
(2 channels)
PWM mode or one-shot mode can be selected.
Counter operating clock : Eight selectable clock sources
Support for external trigger start
8/16-bit PPG
(2 channels)
Each channel of the PPG can be used as 8-bit PPG
× 2 channelsor 16-bit PPG × 1
channel.
Counter operating clock : Eight selectable clock sources
Watch counter
(for dual clock
product)
Count clock : Four selectable clock sources (125 ms, 250 ms, 500 ms, or 1 s)
Counter value can be set from 0 to 63. (Capable of counting for 1 minute when selecting
clock source 1 second and setting counter value to 60)
Watch prescaler
(for dual clock
product)
4 selectable interval times (125 ms, 250 ms, 500 ms, or 1 s)
External interrupt
(12 channels)
Interrupt by edge detection (rising, falling, or both edges can be selected.)
Can be used to recover from standby modes.
Flash memory
Supports automatic programming, Embedded AlgorithmTM *6
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Number of write/erase cycles (Minimum) : 10000 times
Data retention time : 20 years
Erase can be performed on each block
Boot block configuration
Block protection with external programming voltage
Flash Security Feature for protecting the content of the Flash
Standby mode
Sleep, stop, watch (for dual clock product), and timebase timer


Similar Part No. - MB95F108BW

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95F108AJS FUJITSU-MB95F108AJS Datasheet
738Kb / 72P
   8-bit Proprietary Microcontrollers
MB95F108AJSPFM FUJITSU-MB95F108AJSPFM Datasheet
738Kb / 72P
   8-bit Proprietary Microcontrollers
MB95F108AJSPFV FUJITSU-MB95F108AJSPFV Datasheet
738Kb / 72P
   8-bit Proprietary Microcontrollers
MB95F108AJW FUJITSU-MB95F108AJW Datasheet
738Kb / 72P
   8-bit Proprietary Microcontrollers
MB95F108AJWPFM FUJITSU-MB95F108AJWPFM Datasheet
738Kb / 72P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB95F108BW

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com