Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95128MBPMC Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB95128MBPMC
Description  8-bit Microcontrollers
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95128MBPMC Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB95128MBPMC Datasheet HTML 1Page - Fujitsu Component Limited. MB95128MBPMC Datasheet HTML 2Page - Fujitsu Component Limited. MB95128MBPMC Datasheet HTML 3Page - Fujitsu Component Limited. MB95128MBPMC Datasheet HTML 4Page - Fujitsu Component Limited. MB95128MBPMC Datasheet HTML 5Page - Fujitsu Component Limited. MB95128MBPMC Datasheet HTML 6Page - Fujitsu Component Limited. MB95128MBPMC Datasheet HTML 7Page - Fujitsu Component Limited. MB95128MBPMC Datasheet HTML 8Page - Fujitsu Component Limited. MB95128MBPMC Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
MB95120MB Series
5
(Continued)
*1 : For ROM capacitance and RAM capacitance, refer to “
■ MEMORY LINEUP”.
*2 : For details of option, refer to “
■ MASK OPTION”.
*3 : Embedded Algorithm is a trade mark of Advanced Micro Devices Inc.
Note : Part number of evaluation product in MB95120MB series is MB95FV100D-103. When using it, the MCU
board (MB2146-303A) is required.
MB95128MB
MB95F124MB
MB95F126MB
MB95F128MB
MB95F124NB
MB95F126NB
MB95F128NB
MB95F124JB
MB95F126JB
MB95F128JB
LCD controller
(LCDC)
COM output
: 4 (Max)
SEG output
: 40 (Max)
LCD drive power supply (bias) pin
: 4 (Max)
40 SEG
× 4 COM
: 160 pixels can be displayed.
Duty LCD mode
Operable in LCD standby mode
With blinking function
Built-in division resistance for LCD drive
16-bit reload timer
(1 channel)
Two clock modes and two counter operating modes can be selected.
Square waveform output
Count clock : 7 internal clocks and external clock can be selected.
Counter operating mode : reload mode or one-shot mode can be selected.
8/16-bit compound
timer (2 channels)
Each channel of the timer can be used as “8-bit timer
× 2 channels” or “16-bit timer ×
1 channel”.
Built-in timer function, PWC function, PWM function, capture function and square
waveform output
Count clock : 7 internal clocks and external clock can be selected.
16-bit PPG
(2 channels)
PWM mode or one-shot mode can be selected.
Counter operating clock : Eight selectable clock sources
Support for external trigger start
8/16-bit PPG
(2 channels)
Each channel of the PPG can be used as 8-bit PPG
× 2 channelsor 16-bit PPG ×
1 channel.
Counter operating clock : Eight selectable clock sources
Watch counter
Count clock : Four selectable clock sources (125 ms, 250 ms, 500 ms, or 1 s)
Counter value can be set from 0 to 63 (Capable of counting for 1 minute when selecting
clock source 1 second and setting counter value to 60) .
Watch prescaler
(1 channel)
4 selectable interval times (125 ms, 250 ms, 500 ms, or 1 s)
External interrupt
(12 channels)
Interrupt by edge detection (rising, falling, or both edges can be selected.)
Can be used to recover from standby modes.
Flash memory
Supports automatic programming, Embedded AlgorithmTM *3
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Number of write/erase cycles (Minimum) : 10000 times
Data retention time : 20 years
Erase can be performed on each block
Block protection with external programming voltage
Dual operation Flash memory
Flash Security Feature for protecting the content of the Flash
Standby mode
Sleep, stop, watch, and timebase timer
Parameter
Part number


Similar Part No. - MB95128MBPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95120MB FUJITSU-MB95120MB Datasheet
1Mb / 80P
   8-bit Microcontrollers
MB95120MB FUJITSU-MB95120MB_07 Datasheet
1Mb / 80P
   8-bit Microcontrollers
More results

Similar Description - MB95128MBPMC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com