Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95F128E Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB95F128E
Description  8-bit Proprietary Microcontrollers
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F128E Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB95F128E Datasheet HTML 6Page - Fujitsu Component Limited. MB95F128E Datasheet HTML 7Page - Fujitsu Component Limited. MB95F128E Datasheet HTML 8Page - Fujitsu Component Limited. MB95F128E Datasheet HTML 9Page - Fujitsu Component Limited. MB95F128E Datasheet HTML 10Page - Fujitsu Component Limited. MB95F128E Datasheet HTML 11Page - Fujitsu Component Limited. MB95F128E Datasheet HTML 12Page - Fujitsu Component Limited. MB95F128E Datasheet HTML 13Page - Fujitsu Component Limited. MB95F128E Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
MB95120 Series
10
(Continued)
Pin no.
Pin name
I/O
circuit
type*3
Function
LQFP *1
QFP *2
26
29
AVSS
A/D converter power supply pin (GND)
27
30
P30/AN00
J
General-purpose I/O port
The pins are shared with A/D converter analog input.
28
31
P31/AN01
29
32
P32/AN02
30
33
P33/AN03
31
34
P34/AN04
32
35
P35/AN05
33
36
P36/AN06
34
37
P37/AN07
35
38
P40/AN08
J
General-purpose I/O port
The pins are shared with A/D converter analog input.
36
39
P41/AN09
37
40
P42/AN10
38
41
P43/AN11
39
42
P53/TRG1
H
General-purpose I/O port
The pin is shared with 16-bit PPG ch.1 trigger input.
40
43
P70/TO0
H
General-purpose I/O port
The pin is shared with 16-bit reload timer ch.0 output.
41
44
P71/TI0
General-purpose I/O port
The pin is shared with 16-bit reload timer ch.0 input.
42
45
P67/SEG39/
SIN
N
General-purpose I/O port
The pin is shared with LIN-UART data input (SIN) and
LCDC SEG output (SEG39) .
43
46
P66/SEG38/
SOT
M
General-purpose I/O port
The pin is shared with LIN-UART data output (SOT) and
LCDC SEG output (SEG38) .
44
47
P65/SEG37/
SCK
General-purpose I/O port
The pin is shared with LIN-UART clock I/O (SCK) and LCDC
SEG output (SEG37) .
45
48
P64/SEG36/
EC1
General-purpose I/O port
The pin is shared with 8/16-bit compound timer ch.1 clock
input (EC1) and LCDC SEG output (SEG36) .
46
49
P63/SEG35/
TO11
General-purpose I/O port
The pins are shared with 8/16-bit compound timer ch.1
output (TO10, TO11) and LCDC SEG output (SEG34,
SEG35) .
47
50
P62/SEG34/
TO10
48
51
RST
B'
Reset pin
49
52
X0A
A
Sub clock oscillation pins (32 kHz)
50
53
X1A
51
54
VSS
Power supply pin (GND)


Similar Part No. - MB95F128E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95F128JB FUJITSU-MB95F128JB Datasheet
1Mb / 80P
   8-bit Microcontrollers
MB95F128JB FUJITSU-MB95F128JB Datasheet
1Mb / 80P
   8-bit Microcontrollers
MB95F128JBPF FUJITSU-MB95F128JBPF Datasheet
1Mb / 80P
   8-bit Microcontrollers
MB95F128JBPMC FUJITSU-MB95F128JBPMC Datasheet
1Mb / 80P
   8-bit Microcontrollers
MB95F128MB FUJITSU-MB95F128MB Datasheet
1Mb / 80P
   8-bit Microcontrollers
More results

Similar Description - MB95F128E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89580B FUJITSU-MB89580B Datasheet
403Kb / 37P
   8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com