Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXR-505E-915D9600AB Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MXR-505E-915D9600AB
Description  UHF FM TRANSCEIVER MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MXR-505E-915D9600AB Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MXR-505E-915D9600AB Datasheet HTML 2Page - List of Unclassifed Manufacturers MXR-505E-915D9600AB Datasheet HTML 3Page - List of Unclassifed Manufacturers MXR-505E-915D9600AB Datasheet HTML 4Page - List of Unclassifed Manufacturers MXR-505E-915D9600AB Datasheet HTML 5Page - List of Unclassifed Manufacturers MXR-505E-915D9600AB Datasheet HTML 6Page - List of Unclassifed Manufacturers MXR-505E-915D9600AB Datasheet HTML 7Page - List of Unclassifed Manufacturers MXR-505E-915D9600AB Datasheet HTML 8Page - List of Unclassifed Manufacturers MXR-505E-915D9600AB Datasheet HTML 9Page - List of Unclassifed Manufacturers MXR-505E-915D9600AB Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
-Page 6-
MXR-505
UHF FM TRANSCEIVER MODULE
PRELIMINAR
Y
Parameters
Test Conditions
Min
Typ
Max
Unit
Power Supply
RF Frequency Operating Range
2400
2483.5
MHz
Power Supply
V
Power Down Current
µA
Standby current
µA
Quiescent Current
13
20
29
µA
Operating Voltage
2.6
16
V
VCO and PLL Section
Reference Frequency
MHz
PLL Lock Time
3kHz bandwidth
915MHz to 915.5MHz
902MHz to 927MHz
20kHz bandwidth
ms
ms
ms
Switch Time
3kHz loop bandwidth
Rx – Tx
Tx – Rx
Standby Rx
Standby Tx
ms
ms
ms
ms
Crystal Oscillator Start-Up Time
16 pF load
0.86
ms
Charge Pump Current
VCPOUT = 1.1V, CP_HI = 0
VCPOUT = 1.1V, CP_HI = 1
µA
µA
Charge Pump Tolerance
%
Transmit Section
Output Power
Delivered to a single ended 50 ohm
load through a balun
-3
0
dBm
Output Power Tolerance
Over temperature range
Over power supply range
dB
dB
Tx Current Consumption
P = -25 dBm
P = -15 dBm
P = -10 dBm
P = -5 dBm
P = 0 dBm
8.5
9.9
11
14
17.4
mA
mA
mA
mA
mA
Tx Current Consumption Variation
10dBm
mA
Binary FSK Frequency Separation
bitrate = 200kbps
kHz
Data Rate
250
250
kbps
Occupied bandwidth
20kbps, b = 2, 20dBc
125kbps, b = 2, 20dBc
200kbps, b = 2, 20dBc
kHz
kHz
kHz
2nd Harmonic
-34
dBc
3rd Harmonic
-60
dBc
Spurious Emission
30-1000 MHz
1-12.75 GHz
1.8-1.9 GHz
5.15-5.3 GHz
-36
-30
-47
-47
dBm
dBm
dBm
dBm
Electrical Characteristics
This device is ESD sensitive. Do not operate or store near strong electrostatic fields. Use appropriate ESD
precautions. All voltages are with respect to Ground.


Similar Part No. - MXR-505E-915D9600AB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MXR-8P-8P HIROSE-MXR-8P-8P Datasheet
477Kb / 6P
   Miniature push-pull connectors with ground function
MXR-8P-T01 HIROSE-MXR-8P-T01 Datasheet
477Kb / 6P
   Miniature push-pull connectors with ground function
MXR-8PA-3PA HIROSE-MXR-8PA-3PA Datasheet
391Kb / 6P
   MXR Type Connectors Miniature Push-Pull Connectors with Ground Function
MXR-8PA-3PA01 HIROSE-MXR-8PA-3PA01 Datasheet
260Kb / 6P
   MXR Type Connectors Miniature Push-Pull Connectors with Ground Function
MXR-8PA-3PA02 HIROSE-MXR-8PA-3PA02 Datasheet
260Kb / 6P
   MXR Type Connectors Miniature Push-Pull Connectors with Ground Function
More results

Similar Description - MXR-505E-915D9600AB

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM3H RADIOMETRIX-BIM3H Datasheet
307Kb / 7P
   UHF FM 400mW transceiver module
BIM3H RADIOMETRIX-BIM3H_12 Datasheet
441Kb / 8P
   UHF FM 400mW transceiver module
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
logo
Toshiba Semiconductor
S-AU50L TOSHIBA-S-AU50L Datasheet
137Kb / 3P
   UHF BAND FM POWER AMPLIFIER MODULE HAND-HELD TRANSCEIVER
S-AU50H TOSHIBA-S-AU50H Datasheet
134Kb / 4P
   UHF BAND FM POWER AMPLIFIER MODULE HAND-HELD TRANSCEIVER
logo
Radiometrix Ltd
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
TR2I-458-5 RADIOMETRIX-TR2I-458-5 Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
logo
Toshiba Semiconductor
S-AU94 TOSHIBA-S-AU94 Datasheet
219Kb / 4P
   RF POWER AMPLIFIER MODULE UHF BAND FM POWER AMPLIFIER MODULE HAND-HELD TRANSCEIVER
logo
Radiometrix Ltd
TR2M RADIOMETRIX-TR2M Datasheet
444Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com