Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD5RW55CA Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # RD5RW55CA
Description  The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RD5RW55CA Datasheet(HTML) 3 Page - RICOH electronics devices division

  RD5RW55CA Datasheet HTML 1Page - RICOH electronics devices division RD5RW55CA Datasheet HTML 2Page - RICOH electronics devices division RD5RW55CA Datasheet HTML 3Page - RICOH electronics devices division RD5RW55CA Datasheet HTML 4Page - RICOH electronics devices division RD5RW55CA Datasheet HTML 5Page - RICOH electronics devices division RD5RW55CA Datasheet HTML 6Page - RICOH electronics devices division RD5RW55CA Datasheet HTML 7Page - RICOH electronics devices division RD5RW55CA Datasheet HTML 8Page - RICOH electronics devices division RD5RW55CA Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Rx5RW
3
PIN CONFIGURATION
SC-82AB
SON1612-6
43
12
(mark side)
123
654
PIN DESCRIPTION
SC-82AB
SON1612-6
Pin No
Symbol
Pin Description
Pin No
Symbol
Pin Description
1
GND
Ground Pin
1
CE or CE
or NC
Chip Enable Pin or
No Connection
2
VDD
Input Pin
2
VDD
Input Pin
3
VOUT
Output Pin
3
VOUT
Output Pin
4
CE or CE
or NC
Chip Enable Pin or
No Connection
4
NC
No Connection
5
VDD
Input Pin
6
GND
Ground Pin
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
9.0
V
VCE
Input Voltage for CE /CE Pin
−0.3 to VIN +0.3
V
VOUT
Output Voltage
−0.3 to VIN +0.3
V
IOUT
Output Current
150
mA
Power Dissipation (SC-82AB)
1
380
PD
Power Dissipation (SON1612-6)
1
500
mW
Topt
Operating Temperature
−40 to +85
°C
Tstg
Storage Temperature
−55 to +125
°C
∗1 ) For Power Dissipation, please refer to PACKAGE INFORMATION to be described.
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum ratings are threshold limit values that must not be exceeded even for an instant under
any conditions. Moreover, such values for any two items must not be reached simultaneously. Operation
above these absolute maximum ratings may cause degradation or permanent damage to the device. These
are stress ratings only and do not necessarily imply functional operation below these limits.


Similar Part No. - RD5RW55CA

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RD5RW50AA-TR-FE RICOH-RD5RW50AA-TR-FE Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
RD5RW50BA-TR-FE RICOH-RD5RW50BA-TR-FE Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
RD5RW50CA-TR-FE RICOH-RD5RW50CA-TR-FE Datasheet
268Kb / 19P
   Supply Current Typ. 1.5uA (except pull-up/pull-down current for CE /CE pin)
More results

Similar Description - RD5RW55CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7179D DIODES-AP7179D Datasheet
2Mb / 20P
   3A, ULTRA LOW NOISE, HIGH ACCURACY, LDO VOLTAGE REGULATOR
January 2023 Rev. 2 - 2
logo
Panasonic Semiconductor
AN1433SSM PANASONIC-AN1433SSM Datasheet
98Kb / 7P
   High accuracy, variable output, low voltage operation shunt regulator
logo
Rohm
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
logo
ON Semiconductor
NCP114 ONSEMI-NCP114 Datasheet
136Kb / 8P
   High Accuracy Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2015 ??Rev. 0
logo
Texas Instruments
LP2980IM5X-3.3 TI-LP2980IM5X-3.3 Datasheet
1Mb / 25P
[Old version datasheet]   Ultra Low Dropout Voltage, Output Voltage Accuracy 0.5% (A Grade)
logo
Rohm
BU42XXG-E ROHM-BU42XXG-E Datasheet
386Kb / 16P
   CMOS Voltage Detector ICs with adjustable output delay.
BDXXFA1FP3 ROHM-BDXXFA1FP3 Datasheet
459Kb / 17P
   High accuracy output voltage
logo
Micross Components
AS29372 MICROSS-AS29372 Datasheet
660Kb / 10P
   High output voltage accuracy
logo
STMicroelectronics
L6706 STMICROELECTRONICS-L6706 Datasheet
623Kb / 47P
   High output voltage accuracy
January 2010 Rev 2
logo
Unisonic Technologies
LR8XXYYBG-AE6-R UTC-LR8XXYYBG-AE6-R Datasheet
176Kb / 6P
   High Output Voltage Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com