Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95F156M Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB95F156M
Description  8-bit Microcontroller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F156M Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB95F156M Datasheet HTML 1Page - Fujitsu Component Limited. MB95F156M Datasheet HTML 2Page - Fujitsu Component Limited. MB95F156M Datasheet HTML 3Page - Fujitsu Component Limited. MB95F156M Datasheet HTML 4Page - Fujitsu Component Limited. MB95F156M Datasheet HTML 5Page - Fujitsu Component Limited. MB95F156M Datasheet HTML 6Page - Fujitsu Component Limited. MB95F156M Datasheet HTML 7Page - Fujitsu Component Limited. MB95F156M Datasheet HTML 8Page - Fujitsu Component Limited. MB95F156M Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
MB95150M Series
4
(Continued)
*1 : For details of option, refer to “
■ MASK OPTION”.
*2 : Embedded Algorithm is a trade mark of Advanced Micro Devices Inc.
Note : Part number of evaluation products in MB95150M series is MB95FV100D-103. When using it, the MCU
board (MB2146-303A) is required.
Part number
Parameter
MB95156M
MB95F156M
MB95F156N
MB95F156J
8/16-bit compound
timer (2 channels)
Each channel of the timer can be used as “8-bit timer
× 2 channels” or “16-bit timer
× 1 channel”.
Built-in timer function, PWC function, PWM function, capture function, and square
waveform output
Count clock : 7 internal clocks and external clock can be selected.
16-bit PPG
(1 channel)
PWM mode or one-shot mode can be selected.
Counter operating clock : Eight selectable clock sources
Support for external trigger start
8/16-bit PPG
(2 channels)
Each channel of the PPG can be used as 8-bit PPG
× 2 channelsor 16-bit PPG ×
1 channel.
Counter operating clock : Eight selectable clock sources
Watch counter
Count clock : Four selectable clock sources (125 ms, 250 ms, 500 ms, or 1 s)
Counter value can be set from 0 to 63. (Capable of counting for 1 minute when
selecting clock source 1 second and setting counter value to 60)
Watch prescaler
(1 channel)
4 selectable interval times (125 ms, 250 ms, 500 ms, or 1 s)
External interrupt
(8 channels)
Interrupt by edge detection (rising, falling, or both edges can be selected.)
Can be used to recover from standby modes.
Flash memory
Supports automatic programming, Embedded AlgorithmTM *2
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Number of write/erase cycles (Minimum) : 10000 times
Data retention time : 20 years
Boot block configuration
Erase can be performed on each block
Block protection with external programming voltage
Flash Security Feature for protecting the content of the Flash
Standby mode
Sleep, stop, watch, and time-base timer


Similar Part No. - MB95F156M

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95F104AJS FUJITSU-MB95F104AJS Datasheet
738Kb / 72P
   8-bit Proprietary Microcontrollers
MB95F104AJSPFM FUJITSU-MB95F104AJSPFM Datasheet
738Kb / 72P
   8-bit Proprietary Microcontrollers
MB95F104AJSPFV FUJITSU-MB95F104AJSPFV Datasheet
738Kb / 72P
   8-bit Proprietary Microcontrollers
MB95F104AJW FUJITSU-MB95F104AJW Datasheet
738Kb / 72P
   8-bit Proprietary Microcontrollers
MB95F104AJWPFM FUJITSU-MB95F104AJWPFM Datasheet
738Kb / 72P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB95F156M

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com