Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95156M Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB95156M
Description  8-bit Microcontroller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95156M Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB95156M Datasheet HTML 5Page - Fujitsu Component Limited. MB95156M Datasheet HTML 6Page - Fujitsu Component Limited. MB95156M Datasheet HTML 7Page - Fujitsu Component Limited. MB95156M Datasheet HTML 8Page - Fujitsu Component Limited. MB95156M Datasheet HTML 9Page - Fujitsu Component Limited. MB95156M Datasheet HTML 10Page - Fujitsu Component Limited. MB95156M Datasheet HTML 11Page - Fujitsu Component Limited. MB95156M Datasheet HTML 12Page - Fujitsu Component Limited. MB95156M Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
MB95150M Series
9
■ PIN DESCRIPTION
(Continued)
Pin no.
Pin name
I/O
circuit
type*3
Function
LQFP*1 LQFP*2
11
P61/SEG09/
PPG11
M
General-purpose I/O port.
The pin is shared with LCDC SEG output (SEG09) and 8/16-bit
PPG ch.1 output (PPG11).
2
2
P62/SEG10/TO10
General-purpose I/O port.
The pins are shared with LCDC SEG output (SEG10, SEG11)
and 8/16-bit compound timer ch.1 output (TO10, TO11) .
3
3
P63/SEG11/TO11
4
4
P64/SEG12/EC1
General-purpose I/O port.
The pin is shared with LCDC SEG output (SEG12) and 8/16-bit
compound timer ch.1 clock input (EC1).
5
5
P65/SEG13/SCK
General-purpose I/O port.
The pin is shared with LCDC SEG output (SEG13) and LIN-
UART clock I/O (SCK) .
6
6
P66/SEG14/SOT
General-purpose I/O port.
The pin is shared with LCDC SEG output (SEG14) and LIN-
UART data output (SOT) .
7
8
P67/SEG15/SIN
N
General-purpose I/O port.
The pin is shared with LCDC SEG output (SEG15) and LIN-
UART data input (SIN) .
89
P14/PPG0
H
General-purpose I/O port.
The pin is shared with 16-bit PPG ch.0 output (PPG0) .
910
P13/TRG0/ADTG
General-purpose I/O port.
The pin is shared with 16-bit PPG ch.0 trigger input (TRG0) and
A/D converter trigger input (ADTG) .
10
11
P12/UCK0
General-purpose I/O port.
The pin is shared with UART/SIO ch.0 clock I/O (UCK0) .
11
12
P11/UO0
General-purpose I/O port.
The pin is shared with UART/SIO ch.0 data output (UO0) .
12
13
P10/UI0
G
General-purpose I/O port.
The pin is shared with UART/SIO ch.0 data input (UI0) .
13
14
P07/INT07/AN07
D
General-purpose I/O port.
The pins are shared with external interrupt input (INT00 to INT07)
and A/D converter analog input (AN00 to AN07).
14
15
P06/INT06/AN06
15
16
P05/INT05/AN05
16
17
P04/INT04/AN04
17
18
P03/INT03/AN03
18
19
P02/INT02/AN02
19
21
P01/INT01/AN01
20
22
P00/INT00/AN00
21
23
MOD
B
The operating mode designation pin


Similar Part No. - MB95156M

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95100AM FUJITSU-MB95100AM Datasheet
738Kb / 72P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
1Mb / 84P
   8-bit Microcontrollers
MB95100B FUJITSU-MB95100B_08 Datasheet
1Mb / 84P
   8-bit Microcontrollers
More results

Similar Description - MB95156M

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com