Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95F168MPMC Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB95F168MPMC
Description  8-bit Microcontroller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F168MPMC Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB95F168MPMC Datasheet HTML 4Page - Fujitsu Component Limited. MB95F168MPMC Datasheet HTML 5Page - Fujitsu Component Limited. MB95F168MPMC Datasheet HTML 6Page - Fujitsu Component Limited. MB95F168MPMC Datasheet HTML 7Page - Fujitsu Component Limited. MB95F168MPMC Datasheet HTML 8Page - Fujitsu Component Limited. MB95F168MPMC Datasheet HTML 9Page - Fujitsu Component Limited. MB95F168MPMC Datasheet HTML 10Page - Fujitsu Component Limited. MB95F168MPMC Datasheet HTML 11Page - Fujitsu Component Limited. MB95F168MPMC Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
MB95160M Series
8
■ PIN DESCRIPTION
(Continued)
Pin no.
Pin name
I/O circuit
type*
Function
1AVCC
A/D converter power supply pin
2
AVR
A/D converter reference input pin
3
P14/PPG0
H
General-purpose I/O port.
The pin is shared with 16-bit PPG ch.0 output.
4
P13/TRG0/
ADTG
General-purpose I/O port.
The pin is shared with 16-bit PPG ch.0 trigger input (TRG0) and
A/D converter trigger input (ADTG) .
5
P12/UCK0
General-purpose I/O port.
The pin is shared with UART/SIO ch.0 clock I/O.
6
P11/UO0
General-purpose I/O port.
The pin is shared with UART/SIO ch.0 data output.
7
P10/UI0
G
General-purpose I/O port.
The pin is shared with UART/SIO ch.0 data input.
8
P24/EC0/
SDA0
I
General-purpose I/O port.
The pin is shared with 8/16-bit compound timer ch.0 clock input
(EC0) and I2C ch.0 data I/O (SDA0) .
9
P23/TO01/
SCL0
General-purpose I/O port.
The pin is shared with 8/16-bit compound timer ch.0 output (TO01)
and I2C ch.0 clock I/O (SCL0) .
10
P22/TO00
H
General-purpose I/O port.
The pin is shared with 8/16-bit compound timer ch.0 output.
11
P21/PPG01
General-purpose I/O port.
The pin is shared with 8/16-bit PPG ch.0 output.
12
P20/PPG00
General-purpose I/O port.
The pin is shared with 8/16-bit PPG ch.0 output.
13
MOD
B
Operating mode designation pin
14
X0
A
Main clock oscillation pin
15
X1
16
VSS
Power supply pin (GND)
17
VCC
Power supply pin
18
C
Capacitor connection pin
19
X1A
A
Sub clock oscillation pins (32 kHz)
20
X0A
21
RST
B’
Reset pin
22
P90/V3
R
General-purpose I/O port.
The pins are shared with power supply pin for LCDC drive.
23
P91/V2
24
P92/V1
25
P93/V0


Similar Part No. - MB95F168MPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95F168JAPMC1-GE1 FUJITSU-MB95F168JAPMC1-GE1 Datasheet
530Kb / 21P
   F2MC-8FX MB95160MA Series
More results

Similar Description - MB95F168MPMC

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com