Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95F124MB Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB95F124MB
Description  8-bit Microcontrollers
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F124MB Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB95F124MB Datasheet HTML 3Page - Fujitsu Component Limited. MB95F124MB Datasheet HTML 4Page - Fujitsu Component Limited. MB95F124MB Datasheet HTML 5Page - Fujitsu Component Limited. MB95F124MB Datasheet HTML 6Page - Fujitsu Component Limited. MB95F124MB Datasheet HTML 7Page - Fujitsu Component Limited. MB95F124MB Datasheet HTML 8Page - Fujitsu Component Limited. MB95F124MB Datasheet HTML 9Page - Fujitsu Component Limited. MB95F124MB Datasheet HTML 10Page - Fujitsu Component Limited. MB95F124MB Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
MB95120MB Series
7
■ DIFFERENCES AMONG PRODUCTS AND NOTES ON SELECTING PRODUCTS
• Notes on Using Evaluation Products
The Evaluation product has not only the functions of the MB95120MB series but also those of other products
to support software development for multiple series and models of the F2MC-8FX family. The I/O addresses for
peripheral resources not used by the MB95120MB series are therefore access-barred. Read/write access to
these access-barred addresses may cause peripheral resources supposed to be unused to operate, resulting
in unexpected malfunctions of hardware or software.
Particularly, do not use word access to odd numbered byte address in the prohibited areas (If these access are
used, the address may be read or written unexpectedly).
Also, as the read values of prohibited addresses on the evaluation product are different to the values on the
Flash memory and MASK ROM products, do not use these values in the program.
The Evaluation product do not support the functions of some bits in single-byte registers. Read/write access to
these bits does not cause hardware malfunctions. Since the Evaluation, Flash memory product, and MASK ROM
product are designed to behave completely the same way in terms of hardware and software.
• Difference of Memory Spaces
If the amount of memory on the Evaluation product is different from that of the Flash memory product or MASK
ROM product, carefully check the difference in the amount of memory from the model to be actually used when
developing software.
For details of memory space, refer to “
■ CPU CORE”.
• Current Consumption
• The current consumption of Flash memory product is typically greater than for MASK ROM product.
• For details of current consumption, refer to “
■ ELECTRICAL CHARACTERISTICS”.
• Package
For details of information on each package, refer to “
■ PACKAGES AND CORRESPONDING PRODUCTS” and
■ PACKAGE DIMENSIONS”.
• Operating voltage
The operating voltage are different between the Evaluation, Flash memory products, and MASK ROM product.
For details of operating voltage, refer to “
■ ELECTRICAL CHARACTERISTICS”.


Similar Part No. - MB95F124MB

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95F124MB FUJITSU-MB95F124MB Datasheet
1Mb / 80P
   8-bit Microcontrollers
More results

Similar Description - MB95F124MB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com