Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXR-505RL-915S2400AB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MXR-505RL-915S2400AB
Description  UHF FM TRANSCEIVER MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MXR-505RL-915S2400AB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MXR-505RL-915S2400AB Datasheet HTML 1Page - List of Unclassifed Manufacturers MXR-505RL-915S2400AB Datasheet HTML 2Page - List of Unclassifed Manufacturers MXR-505RL-915S2400AB Datasheet HTML 3Page - List of Unclassifed Manufacturers MXR-505RL-915S2400AB Datasheet HTML 4Page - List of Unclassifed Manufacturers MXR-505RL-915S2400AB Datasheet HTML 5Page - List of Unclassifed Manufacturers MXR-505RL-915S2400AB Datasheet HTML 6Page - List of Unclassifed Manufacturers MXR-505RL-915S2400AB Datasheet HTML 7Page - List of Unclassifed Manufacturers MXR-505RL-915S2400AB Datasheet HTML 8Page - List of Unclassifed Manufacturers MXR-505RL-915S2400AB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
-Page 5-
MXR-505
UHF FM TRANSCEIVER MODULE
PRELIMINAR
Y
MXR-505 Communication
Communication with the MXR-505 is accomplished through a universal asynchronous receive/
transmit (UART) peripheral interface. The UART uses 8-bit, non-parity, LSB, 1200bps baud
format. The maximum number of data bytes that can be transmitted or received in one packet is 50.
The user will transmit data through the UART on the MXR-505 via pin 24, URXD. The MXR-505
will packetize and wirelessly transmit the data. Once the data is received on the other side, the
MXR-505 will demodulate the data and send the received data out to the user via pin 23, UTXD.
The data being sent through the UART should follow a specific protocol.
The communication protocol is outlined below:
Byte #1
Number of Bytes – The number of bytes is one byte containing the total number of
data bytes. This byte should not be included in the number of bytes. Therefore, the
number of bytes should be one less than the total number of bytes being sent or
received. The maximum number of data bytes that can be transmitted or received is
50; therefore, the number of bytes should not exceed 50.
Bytes #2-51
Data Bytes – The data bytes are the actual data byte values being transmitted or
received by the MXR-505. The MXR-505 can send or receive a maximum of 50
data bytes per packet. The first two bytes are used as preamble bytes by Radios,
Inc. to differentiate the detection of data from noise. They can be set to any value,
but to work with the HHDS-ML they must be set to 0xFF and 0x00, respectively.
When the first byte is received through the UART on the MXR-505, the user will have one second
to send the remaining data bytes to the MXR-505. If the MXR-505 does not receive all of the data
bytes within that second, the data the MXR-505 did receive will be dumped. For example, if the
user sends a 10 for the number of bytes and then only sends five more bytes within one second, the
MXR-505 assumes this is corrupted data and does not transmit the packet. The five bytes the
MXR-505 did receive will be discarded and the MXR-505 will wait for a new packet of data to be
received.
Sym
Parameters
Min
Typ
Max
Unit Notes
Absolute Maximum Ratings
VCC
Supply Voltage
2.6
16
V
Voltage on any Pins
-0.5
2.7
V
Storage Temperature Range
0
70
°C
Lead Temperature
260
°C
VEN
Enable Input Voltage
016
V
ESD Rating
kV
Operating Ratings
Package Thermal Resistance
°C/W
VEN
Enable Input Voltage
0VCC
V
TA
Ambient operating temperature
070
°C
Electrical Limits


Similar Part No. - MXR-505RL-915S2400AB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MXR-8P-8P HIROSE-MXR-8P-8P Datasheet
477Kb / 6P
   Miniature push-pull connectors with ground function
MXR-8P-T01 HIROSE-MXR-8P-T01 Datasheet
477Kb / 6P
   Miniature push-pull connectors with ground function
MXR-8PA-3PA HIROSE-MXR-8PA-3PA Datasheet
391Kb / 6P
   MXR Type Connectors Miniature Push-Pull Connectors with Ground Function
MXR-8PA-3PA01 HIROSE-MXR-8PA-3PA01 Datasheet
260Kb / 6P
   MXR Type Connectors Miniature Push-Pull Connectors with Ground Function
MXR-8PA-3PA02 HIROSE-MXR-8PA-3PA02 Datasheet
260Kb / 6P
   MXR Type Connectors Miniature Push-Pull Connectors with Ground Function
More results

Similar Description - MXR-505RL-915S2400AB

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM3H RADIOMETRIX-BIM3H Datasheet
307Kb / 7P
   UHF FM 400mW transceiver module
BIM3H RADIOMETRIX-BIM3H_12 Datasheet
441Kb / 8P
   UHF FM 400mW transceiver module
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
logo
Toshiba Semiconductor
S-AU50L TOSHIBA-S-AU50L Datasheet
137Kb / 3P
   UHF BAND FM POWER AMPLIFIER MODULE HAND-HELD TRANSCEIVER
S-AU50H TOSHIBA-S-AU50H Datasheet
134Kb / 4P
   UHF BAND FM POWER AMPLIFIER MODULE HAND-HELD TRANSCEIVER
logo
Radiometrix Ltd
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
TR2I-458-5 RADIOMETRIX-TR2I-458-5 Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
logo
Toshiba Semiconductor
S-AU94 TOSHIBA-S-AU94 Datasheet
219Kb / 4P
   RF POWER AMPLIFIER MODULE UHF BAND FM POWER AMPLIFIER MODULE HAND-HELD TRANSCEIVER
logo
Radiometrix Ltd
TR2M RADIOMETRIX-TR2M Datasheet
444Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com