Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95F168N Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB95F168N
Description  8-bit Microcontroller
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F168N Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB95F168N Datasheet HTML 1Page - Fujitsu Component Limited. MB95F168N Datasheet HTML 2Page - Fujitsu Component Limited. MB95F168N Datasheet HTML 3Page - Fujitsu Component Limited. MB95F168N Datasheet HTML 4Page - Fujitsu Component Limited. MB95F168N Datasheet HTML 5Page - Fujitsu Component Limited. MB95F168N Datasheet HTML 6Page - Fujitsu Component Limited. MB95F168N Datasheet HTML 7Page - Fujitsu Component Limited. MB95F168N Datasheet HTML 8Page - Fujitsu Component Limited. MB95F168N Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
MB95160M Series
2
(Continued)
• Timer
• 8/16-bit compound timer
× 2 channels
Can be used to interval timer, PWC timer, PWM timer and input capture.
• 8/16-bit PPG
× 2 channels
• 16-bit PPG
× 1 channel
• Time-base timer
× 1 channel
• Watch prescaler
× 1 channel
• LIN-UART × 1 channel
• LIN function, clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capable
• Full duplex double buffer
• UART/SIO × 1 channel
• Clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capable
• Full duplex double buffer
• I2C* × 1 channel
Built-in wake-up function
• External interrupt × 8 channels
• Interrupt by edge detection (rising, falling, or both edges can be selected)
• Can be used to recover from low-power consumption (standby) modes.
• 8/10-bit A/D converter × 8 channels
8-bit or 10-bit resolution can be selected.
• LCD controller (LCDC)
• 32 SEG
× 4 COM (Max 128 pixels)
• With blinking function
• Low-power consumption (standby) mode
• Stop mode
• Sleep mode
• Watch mode
• Time-base timer mode
• I/O port
• The number of maximum ports : Max 53
• Port configuration
- General-purpose I/O ports (N-ch open drain)
: 2 ports
- General-purpose I/O ports (CMOS)
: 51 ports
• Programmable input voltage levels of port
Automotive input level
/ CMOS input level / hysteresis input level
• Flash memory security function
Protects the content of Flash memory
* : Purchase of Fujitsu I2C components conveys a license under the Philips I2C Patent Rights to use, these
components in an I2C system provided that the system conforms to the I2C Standard Specification as defined
by Philips.


Similar Part No. - MB95F168N

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95F168JAPMC1-GE1 FUJITSU-MB95F168JAPMC1-GE1 Datasheet
530Kb / 21P
   F2MC-8FX MB95160MA Series
More results

Similar Description - MB95F168N

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com