Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8139D-GR Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RTL8139D-GR
Description  SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTL8139D-GR Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RTL8139D-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers RTL8139D-GR Datasheet HTML 2Page - List of Unclassifed Manufacturers RTL8139D-GR Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8139D-GR Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8139D-GR Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8139D-GR Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8139D-GR Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8139D-GR Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8139D-GR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
RTL8139DL
Datasheet
Single Chip Multifunction 10/100 Ethernet Controller w/Power Management
iii
Track ID: JATR-1076-21 Rev. 1.2
Table of Contents
1.
GENERAL DESCRIPTION...............................................................................................................1
2.
FEATURES ..........................................................................................................................................2
3.
PIN ASSIGNMENTS ..........................................................................................................................2
3.1.
PACKAGE IDENTIFICATION......................................................................................................2
3.2.
PACKAGE IDENTIFICATION......................................................................................................3
4.
PIN DESCRIPTIONS .........................................................................................................................4
4.1.
POWER MANAGEMENT/ISOLATION INTERFACE.......................................................................4
4.2.
PCI INTERFACE.......................................................................................................................4
4.3.
EEPROM INTERFACE.............................................................................................................6
4.4.
POWER PINS............................................................................................................................6
4.5.
LED INTERFACE .....................................................................................................................6
4.6.
ATTACHMENT UNIT INTERFACE..............................................................................................7
4.7.
MULTI-FUNCTION INTERFACE ................................................................................................7
4.8.
TEST AND OTHER PINS ...........................................................................................................7
5.
REGISTER DESCRIPTIONS............................................................................................................8
5.1.
RECEIVE STATUS REGISTER IN RX PACKET HEADER ............................................................10
5.2.
TRANSMIT STATUS REGISTER ...............................................................................................11
5.3.
ERSR: EARLY RX STATUS REGISTER...................................................................................12
5.4.
COMMAND REGISTER ...........................................................................................................12
5.5.
INTERRUPT MASK REGISTER ................................................................................................13
5.6.
INTERRUPT STATUS REGISTER..............................................................................................13
5.7.
TRANSMIT CONFIGURATION REGISTER.................................................................................14
5.8.
RECEIVE CONFIGURATION REGISTER....................................................................................15
5.9.
9346CR: 93C46 COMMAND REGISTER.................................................................................18
5.10.
CONFIG 0: CONFIGURATION REGISTER 0............................................................................19
5.11.
CONFIG 1: CONFIGURATION REGISTER 1............................................................................20
5.12.
MEDIA STATUS REGISTER.....................................................................................................21
5.13.
CONFIG 3: CONFIGURATION REGISTER3.............................................................................22
5.14.
CONFIG 4: CONFIGURATION REGISTER4.............................................................................23
5.15.
MULTIPLE INTERRUPT SELECT REGISTER .............................................................................24
5.16.
PCI REVISION ID ..................................................................................................................24
5.17.
TRANSMIT STATUS OF ALL DESCRIPTORS (TSAD) REGISTER ..............................................24
5.18.
BASIC MODE CONTROL REGISTER........................................................................................25
5.19.
BASIC MODE STATUS REGISTER...........................................................................................26
5.20.
AUTO-NEGOTIATION ADVERTISEMENT REGISTER.................................................................26
5.21.
AUTO-NEGOTIATION LINK PARTNER ABILITY REGISTER .....................................................27
5.22.
AUTO-NEGOTIATION EXPANSION REGISTER .........................................................................28
5.23.
DISCONNECT COUNTER ........................................................................................................28


Similar Part No. - RTL8139D-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8139D-GR REALTEK-RTL8139D-GR Datasheet
683Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER
More results

Similar Description - RTL8139D-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8139D REALTEK-RTL8139D Datasheet
683Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER
RTL8100B REALTEK-RTL8100B Datasheet
761Kb / 66P
   SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
DM9101 ETC1-DM9101 Datasheet
264Kb / 43P
   10/100Mbps Ethernet Physical Layer Single Chip Transceiver
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
RTL8309SB ETC1-RTL8309SB Datasheet
866Kb / 115P
   SINGLE-CHIP 9-PORT 10/100MBPS SWITCH CONTROLLER
logo
Davicom Semiconductor, ...
DM9332 DAVICOM-DM9332 Datasheet
387Kb / 61P
   10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com