Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1S-B4L3 Datasheet(PDF) 7 Page - NEC

Part # EP1S-B4L3
Description  AUTOMOTIVE RELAYS LOW SOUND PRESSURE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EP1S-B4L3 Datasheet(HTML) 7 Page - NEC

  EP1S-B4L3 Datasheet HTML 1Page - NEC EP1S-B4L3 Datasheet HTML 2Page - NEC EP1S-B4L3 Datasheet HTML 3Page - NEC EP1S-B4L3 Datasheet HTML 4Page - NEC EP1S-B4L3 Datasheet HTML 5Page - NEC EP1S-B4L3 Datasheet HTML 6Page - NEC EP1S-B4L3 Datasheet HTML 7Page - NEC EP1S-B4L3 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
EP2S / EP1S SERIES
TECHNICAL DATA
0.5
1.0
1.5
0
5
10
Applied Power (W)
0.5
1.0
1.5
0
5
10
Applied Power (W)
Mean
With Diode
0.5
1.0
1.5
0
50
100
Applied Power (W)
2.0
IC = 0A
10
20
150
Energized Time (minutes)
30
0
100
50
Vcoil = 12 V, IC = 25 A
Vcoil = 12 V, IC = 0 A
Vcoil = 7.5 V, IC = 0 A
Vcoil = 7.5 V, IC = 25 A
Operate Time (EP2S-3L1)
Release time (EP2S-3L1)
Coil Temperature (EP2S-3L1)
Mean
Without Diode
Distribution of Sound Pressure Level (for reference)
50
40
30
20
10
0
40
50
60
70
EP2S – 3L1
n = 80
Sound Pressure Level (dBA)
50
40
30
20
10
0
40
50
60
70
EP2 – 3L1
n = 80
Sound Pressure Level (dBA)
Release
Operate
Measuring Condition
Measuring Equipment : Precision Sound Meter
Detector-indicator Characteristic : Fast (F) specified in IEC 651
Relay Drive : 12 Vdc (Diode clamped)
Distance between Microphone and Sample : 50 mm
Background Noise : less than 35 dB (A)
(A) : Frequency Weighting Characteristic specified in IEC 651


Similar Part No. - EP1S-B4L3

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1S10 ALTERA-EP1S10 Datasheet
3Mb / 290P
   Stratix Device Family Data Sheet
EP1S10 ALTERA-EP1S10 Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP1S10 ALTERA-EP1S10 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1S10 ALTERA-EP1S10 Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1S10 ALTERA-EP1S10 Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
More results

Similar Description - EP1S-B4L3

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KBS-20DB-5A KSS-KBS-20DB-5A Datasheet
55Kb / 1P
   Low current consumption - high sound pressure
logo
Murata Manufacturing Co...
PKLCS1212E20A0-R1 MURATA-PKLCS1212E20A0-R1 Datasheet
197Kb / 3P
   high sound pressure level and clear sound
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1 Datasheet
194Kb / 3P
   high sound pressure level and clear sound
logo
NEC
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
   automotive relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
logo
Willow Technologies Ltd
DG56A WILLOW-DG56A Datasheet
390Kb / 3P
   automotive relays
logo
NEC
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
   AUTOMOTIVE RELAYS
logo
Willow Technologies Ltd
DG55 WILLOW-DG55 Datasheet
248Kb / 3P
   automotive relays
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
   automotive relays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com