Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89W665C-SH Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB89W665C-SH
Description  8-bit Proprietary Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89W665C-SH Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB89W665C-SH Datasheet HTML 1Page - Fujitsu Component Limited. MB89W665C-SH Datasheet HTML 2Page - Fujitsu Component Limited. MB89W665C-SH Datasheet HTML 3Page - Fujitsu Component Limited. MB89W665C-SH Datasheet HTML 4Page - Fujitsu Component Limited. MB89W665C-SH Datasheet HTML 5Page - Fujitsu Component Limited. MB89W665C-SH Datasheet HTML 6Page - Fujitsu Component Limited. MB89W665C-SH Datasheet HTML 7Page - Fujitsu Component Limited. MB89W665C-SH Datasheet HTML 8Page - Fujitsu Component Limited. MB89W665C-SH Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
3
MB89660R Series
s PRODUCT LINEUP
(Continued)
MB89665R
MB89W665
MB89P665
Classification
Mass-produced products
(mask ROM products)
EPROM product
One-time PROM product,
also used for evaluation
ROM size
8 K
× 8 bits
(internal mask ROM)
16 K
× 8 bits
(internal mask ROM)
16 K
× 8 bits
(internal PROM, to be programmed with
general-purpose EPROM programmer)
RAM size
256
× 8 bits
512
× 8 bits
CPU functions
The number of instructions:
136
Instruction bit length:
8 bits
Instruction length:
1 to 3 bytes
Data bit length:
1,8, 16 bits
Minimum execution time:
0.4
µs at 10 MHz
Interrupt processing time:
3.6
µs at 10 MHz
Ports
Output ports (CMOS):
8
Output ports (N-ch open-drain):
8 (All also serve as peripherals.)
General-purpose I/O ports (CMOS):
36 (19 ports also serve as peripherals.)
Total:
52
8-bit PWM timer
8-bit interval timer operation (square wave output capable, operating clock cycle: 0.4
µs to 25.6 µs)
8-bit resolution PWM operation (conversion cycle: 102
µs to 6.6 ms)
8/16-bit timer/
counter
2-channel 8-bit timer/counter operation (timer 1 and timer 2, each operating clock
independence, square wave output capable), or 16-bit timer/counter operation (operating
clock cycle: 0.8
µs to 12.8 µs)
In timer 1 or 16-bit timer/counter operation, event counter operation by external clock input
UART
Variable data length (6-, 7-, 8-bit length), built-in baud rate generator, error detection function,
built-in full-duplex double buffer NRZ type transfer format, CLK synchronous/asynchronous
data transfer capable
Transfer rate setting by dedicated band rate generator, external clock, 8-bit PWM timer
8-bit serial I/O
8 bits
LSB/MSB first selectable
One clock selectable from four transfer clocks
(one external shift clock, three internal shift clocks: 0.8
µs, 3.2 µs, 12.8 µs)
8-bit A/D
converter
8-bit resolution
× 8 channels
A/D conversion function (conversion time: 18
µs at 10 MHz)
Sense function (conversion time: 5
µs at 10 MHz)
Capable of continuous activation by an external clock or an internal clock
Reference voltage input
Real-time I/O
16-bit timer: operating clock cycle (0.4
µs, 0.8 µs, 1.6 µs, 3.2 µs)
overflow interrupt
Input capture: 16 bits
× 2 channels (External trigger edge selectable)
Output capture: 16 bits
× 2 channels
MB89663R
Item
Part number


Similar Part No. - MB89W665C-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89W665C-SH FUJITSU-MB89W665C-SH Datasheet
652Kb / 48P
   8-bit Proprietary Microcontroller
MB89W665C-SH FUJITSU-MB89W665C-SH Datasheet
649Kb / 47P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89W665C-SH

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com