Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54LS221W Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54LS221W
Description  DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54LS221W Datasheet(HTML) 8 Page - Texas Instruments

Back Button SNJ54LS221W Datasheet HTML 4Page - Texas Instruments SNJ54LS221W Datasheet HTML 5Page - Texas Instruments SNJ54LS221W Datasheet HTML 6Page - Texas Instruments SNJ54LS221W Datasheet HTML 7Page - Texas Instruments SNJ54LS221W Datasheet HTML 8Page - Texas Instruments SNJ54LS221W Datasheet HTML 9Page - Texas Instruments SNJ54LS221W Datasheet HTML 10Page - Texas Instruments SNJ54LS221W Datasheet HTML 11Page - Texas Instruments SNJ54LS221W Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
SN54221, SN54LS221, SN74221, SN74LS221
DUAL MONOSTABLE MULTIVIBRATORS
WITH SCHMITT TRIGGER INPUTS
SDLS213B − DECEMBER 1983 − REVISED NOVEMBER 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN54LS221
SN74LS221
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VT+
Positive-going threshold voltage,
B input
VCC = MIN
1
2*
1
2
V
VT−
Negative-going threshold voltage,
B input
VCC = MIN
0.7*
0.9
0.8
0.9
V
VIK
VCC = MIN,
II = −18 mA
−1.5
−1.5
V
VOH
VCC = MIN,
IOH = −400 µA
2.5
3.4
2.7
3.4
V
VOL
VCC = MIN
IOL = 4 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = MIN
IOL = 8 mA
0.35
0.5
V
II
VCC = MAX,
VI = 7 V
0.1
0.1
mA
IIH
VCC = MAX,
VI = 2.7 V
20
20
µA
IIL
A input
VCC = MAX,
VI = 0.4 V
−0.4
−0.4
mA
IIL
CLR, B input
VCC = MAX,
VI = 0.4 V
−0.8
−0.8
mA
IOS§
VCC = MAX
−20
−100
−20
−100
mA
ICC
Quiescent
VCC = MAX
4.7
11
4.7
11
mA
ICC
Triggered
VCC = MAX
19
27*
19
27
mA
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
SN54LS221
SN74LS221
UNIT
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
A or B
50
50
ns
tw
Pulse duration
CLR
40
40
ns
tsu
Setup time, inactive state¶
CLR
15
15
ns
Rext
External timing resistance
1.4*
70*
1.4
100
k
Cext
External timing capacitance
0*
1000*
0
1000
µF
Output duty cycle
RT = 2 kΩ
50%
50%
Output duty cycle
RT = MAX Rext
90%
90%
∗ On products compliant to MIL-PRF-38535, this parameter is not production tested.
¶ Inactive-state setup time also is referred to as recovery time.


Similar Part No. - SNJ54LS221W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54LS221W TI-SNJ54LS221W Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SNJ54LS221W TI1-SNJ54LS221W Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUT
SNJ54LS221W TI-SNJ54LS221W Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SNJ54LS221W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74221J TI-SN74221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221 Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV221A TI-SN54LV221A_07 Datasheet
577Kb / 22P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN54121 TI-SN54121 Datasheet
670Kb / 15P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54121 TI-SN54121_07 Datasheet
737Kb / 18P
[Old version datasheet]   MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI-SN54LV123A_10 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com