Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11A1STA-V Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # H11A1STA-V
Description  6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

H11A1STA-V Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button H11A1STA-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd H11A1STA-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd H11A1STA-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd H11A1STA-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd H11A1STA-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd H11A1STA-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd H11A1STA-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd H11A1STA-V Datasheet HTML 10Page - Everlight Electronics Co., Ltd H11A1STA-V Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
7
http:\\www.everlight.com
Document No:DPC-717-044 Rev. 0
September 12, 2007
4N2X Series
4N3X Series
H11AX Series
Order Information
Part Number
4NXXY(Z)-V
or
H11AXY(Z)-V
Note
XX
= Part no. for 4NXX series (25, 26, 27, 28, 35, 36, 37 or 38)
X
= Part no. for H11AX series (1, 2, 3, 4, or 5)
Y
= Lead form option (S, S1, M or none)
Z
= Tape and reel option (TA, TB or none).
V
= VDE (optional)
Option
Description
Packing quantity
None
Standard DIP-6
65 units per tube
M
Wide lead bend (0.4 inch spacing)
65 units per tube
S (TA)
Surface mount lead form + TA tape & reel option
1000 units per reel
S (TB)
Surface mount lead form + TB tape & reel option
1000 units per reel
S1 (TA)
Surface mount lead form (low profile) + TA tape & reel option
1000 units per reel
S1 (TB)
Surface mount lead form (low profile) + TB tape & reel option
1000 units per reel


Similar Part No. - H11A1STA-V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11A1S FAIRCHILD-H11A1S Datasheet
210Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Everlight Electronics C...
H11A1S(TA)-V EVERLIGHT-H11A1S(TA)-V Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
H11A1S(TB)-V EVERLIGHT-H11A1S(TB)-V Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
logo
Fairchild Semiconductor
H11A1S-M FAIRCHILD-H11A1S-M Datasheet
608Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Everlight Electronics C...
H11A1S1(TA)-V EVERLIGHT-H11A1S1(TA)-V Datasheet
878Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
More results

Similar Description - H11A1STA-V

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X Datasheet
400Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AA1S1 EVERLIGHT-H11AA1S1 Datasheet
1Mb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
logo
Sharp Corporation
PC715V0NSZXF SHARP-PC715V0NSZXF Datasheet
217Kb / 13P
   DIP 6 pin Darlington Phototransistor Output Photocoupler
logo
Everlight Electronics C...
H11AAX EVERLIGHT-H11AAX Datasheet
408Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com