Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89P857 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB89P857
Description  488-bit Proprietary Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89P857 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB89P857 Datasheet HTML 3Page - Fujitsu Component Limited. MB89P857 Datasheet HTML 4Page - Fujitsu Component Limited. MB89P857 Datasheet HTML 5Page - Fujitsu Component Limited. MB89P857 Datasheet HTML 6Page - Fujitsu Component Limited. MB89P857 Datasheet HTML 7Page - Fujitsu Component Limited. MB89P857 Datasheet HTML 8Page - Fujitsu Component Limited. MB89P857 Datasheet HTML 9Page - Fujitsu Component Limited. MB89P857 Datasheet HTML 10Page - Fujitsu Component Limited. MB89P857 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
MB89850R Series
7
s PIN DESCRIPTION
(Continued)
*1: DIP-64P-M01, DIP-64C-A06
*2: FPT-64P-M06, FPT-64C-A02
Pin no.
Pin name
Circuit
type
Function
SH-DIP*1
QFP*2
30
23
X0
A
Crystal oscillator pins (10 MHz)
31
24
X1
28
21
MOD0
B
Operating mode selection pins
Connect directly to VCC or VSS.
29
22
MOD1
27
20
RST
C
Reset I/O pin
This pin is an N-ch open-drain output type with a pull-up
resistor, and a hysteresis input type. “L” is output from this
pin by an internal reset source. The internal circuit is
initialized by the input of “L”.
56 to 49
49 to 42
P00/AD0 to
P07/AD7
D
General-purpose I/O ports
When an external bus is used, these ports function as
multiplex pins of lower address output and data I/O.
48 to 41
41 to 34
P10/A08 to
P17/A15
D
General-purpose I/O ports
When an external bus is used, these ports function as
upper address output.
40
33
P20/BUFC
F
General-purpose output port
When an external bus is used, this port can also be used
as a buffer control output.
39
32
P21/HAK
F
General-purpose output port
When an external bus is used, this port can also be used
as a hold acknowledge output.
38
31
P22/HRQ
D
General-purpose output port
When an external bus is used, this port can also be used
as a hold request input.
37
30
P23/RDY
D
General-purpose output port
When an external bus is used, this port functions as a
ready input.
36
29
P24/CLK
F
General-purpose output port
When an external bus is used, this port functions as a
clock output.
35
28
P25/WR
F
General-purpose output port
When an external bus is used, this port functions as a
write signal output.
34
27
P26/RD
F
General-purpose output port
When an external bus is used, this port functions as a
read signal output.
33
26
P27/ALE
F
General-purpose output port
When an external bus is used, this port functions as an
address latch signal output.
2
59
P30/SCK1
E
General-purpose I/O port
Also serves as the clock I/O for the UART.
This port is a hysteresis input type.


Similar Part No. - MB89P857

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89P857 FUJITSU-MB89P857 Datasheet
677Kb / 48P
   8-bit Proprietary Microcontroller
MB89P857 FUJITSU-MB89P857 Datasheet
731Kb / 51P
   8-bit Proprietary Microcontroller
MB89P857 FUJITSU-MB89P857 Datasheet
684Kb / 51P
   8-bit Proprietary Microcontroller
MB89P857P-SH FUJITSU-MB89P857P-SH Datasheet
677Kb / 48P
   8-bit Proprietary Microcontroller
MB89P857P-SH FUJITSU-MB89P857P-SH Datasheet
731Kb / 51P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89P857

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com