Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T85BDBDBA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # T85BDBDBA
Description  5x7 mm TCVCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T85BDBDBA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  T85BDBDBA Datasheet HTML 1Page - List of Unclassifed Manufacturers T85BDBDBA Datasheet HTML 2Page - List of Unclassifed Manufacturers T85BDBDBA Datasheet HTML 3Page - List of Unclassifed Manufacturers T85BDBDBA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5x7 mm TCVCXO
T85B Series
www.bliley.com
Description:
The T85B Temperature
Compensated Voltage
Controllable Crystal Oscillator
(TCVCXO) Series products
provide Stratum III level
frequency stability with voltage
controlled frequency adjust in a
miniature 5 x 7 mm ceramic SMD
package.
Features:
• Available in frequencies from 5 to
26 MHz with 10 MHz, 12.8 MHz,
25 MHz, and other frequencies as
standards
• +/-4.6 ppm overall frequency
stability including 20 years aging
• +/-5 ppm frequency pull range
• CMOS and Clipped Sine Wave
available
• Standard 5 x 7 mm ceramic SMD
package
• RoHS-6 / Lead-free compliant
• Tri-state control
Frequency Range, Operating Temperature, and Frequency Stability:
Frequency
Range
Operating
Temperature
Product
Code
Frequency
Stability
Stability
(Overall)*
Product
Code
-20 to +70
° C
C
+/- 0.28 ppm
+/- 4.6 ppm
A
-40 to +85
° C
D
+/- 0.50 ppm
+/- 4.6 ppm
B
+/- 1.00 ppm
-+/-4.6 ppm
C
5 to 26 MHz
Add +/- 1ppm setting calibration @ +25
° C ; +/- 0.6 ppm for supply and load variation ; +/- 2.0 ppm for aging
To achieve +/- 4.6 ppm overall stability or better
For Frequency stabilities >= +/- 0.5 ppm with a clipped sinewave output the TV85B product should be selected
+/- 0.28 ppm is not available from –40 to 85
° C
Aging: (typical at 10MHz after 30 days continuous operation)
Frequency
Timeframe
Aging
Product Code
10 MHz
20 Years
+/- 2.5 ppm
N/A
Phase Noise:
Frequency
Offset
Phase Noise (Typ.)
Product Code
1 Hz
- 60 dBc/Hz
10 Hz
- 90 dBc/Hz
100 Hz
-120 dBc/Hz
1 KHz
-140 dBc/Hz
10 KHz
-155 dBc/Hz
10.0 MHz
100 KHz
-155 dBc/Hz
N/A
2545 West Grandview Blvd Erie, PA. 16506
Tel
(814) 838-3571
Page 1 of 4
Rev 1.2


Similar Part No. - T85BDBDBA

ManufacturerPart #DatasheetDescription
logo
EPCOS
T85-A230XF1 EPCOS-T85-A230XF1 Datasheet
29Kb / 2P
   SURGE ARRESTER 3-electrode arrester
logo
STMicroelectronics
T850 STMICROELECTRONICS-T850 Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
T850-600B STMICROELECTRONICS-T850-600B Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
T850-600B-TR STMICROELECTRONICS-T850-600B-TR Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
T850-600G STMICROELECTRONICS-T850-600G Datasheet
102Kb / 5P
   HIGH PERFORMANCE TRIAC
More results

Similar Description - T85BDBDBA

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M6029 MTRONPTI-M6029 Datasheet
220Kb / 1P
   5x7 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
M6029_0611 MTRONPTI-M6029_0611 Datasheet
250Kb / 2P
   5x7 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
MVX MTRONPTI-MVX Datasheet
231Kb / 1P
   5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO
M63001GBFPN MTRONPTI-M63001GBFPN Datasheet
624Kb / 3P
   5x7 mm, 1.8/2.5/3.3 V, LVPECL/LVDS/CML/CMOS, TCXO/TCVCXO
logo
IQD Frequency Products ...
LFTVXO075805 IQD-LFTVXO075805 Datasheet
143Kb / 2P
   TCVCXO
LFSPXO068248 IQD-LFSPXO068248 Datasheet
198Kb / 2P
   TCVCXO
LFTVXO009901 IQD-LFTVXO009901 Datasheet
708Kb / 2P
   TCVCXO
LFTVXO009909 IQD-LFTVXO009909 Datasheet
708Kb / 2P
   TCVCXO
LFTVXO075804 IQD-LFTVXO075804 Datasheet
143Kb / 2P
   TCVCXO
LFTVXO009916 IQD-LFTVXO009916 Datasheet
192Kb / 2P
   TCVCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com