Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTCA-1509 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MTCA-1509
Description  15W Ultraminiature Modular Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MTCA-1509 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MTCA-1509 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTCA-1509 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTCA-1509 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTCA-1509 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTCA-1509 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
15W Ultraminiature Modular Switching Power Supplies
M C A - 1 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
0.350 [8.89]
0.100 [2.54]
MECHANICAL DIMENSIONS - DIN RAIL
Model
Match
Unmatch
Triple
Type / Pin#
Single Dual
Dual
1
AC LO
AC LO
AC LO
AC LO
2
GND
GND
GND
GND
3
AC HI
AC HI
AC HI
AC HI
4
Ctrl
Ctrl
Ctrl
Ctrl
5
-Vout
-Vout
Com
+5 Ret
6
-Vout
Com
Com
+5Vout
7
+Vout
Com
+5Vout
-Vout
8
+Vout
+Vout
+12Vout
+/- Com
9
N/C
N/C
N/C
+Vout
MECHANICAL DIMENSIONS - CHASSIS MOUNT
9
8
7
6
5
4
1
2
3
DIN Rail mounting kit available for Chassis-mount modules, specify part #
M-DRL-15. Kit includes mounting plate, DIN Rail cliip and assembly hardware.


Similar Part No. - MTCA-1509

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MTCA-1509 ASTRODYNE-MTCA-1509 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
More results

Similar Description - MTCA-1509

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
ECA-15 ASTRODYNE-ECA-15 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
   15W Medical Grade Ultraminiature Switching Power Supplies
ASM15 ASTRODYNE-ASM15 Datasheet
753Kb / 3P
   15W Ultraminiature Medical Grade Switching Power Supplies
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
   5W Ultraminiature Modular Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MCA-30 ASTRODYNE-MCA-30 Datasheet
1Mb / 5P
   30W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com