Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T85BCCDAA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # T85BCCDAA
Description  5x7 mm TCVCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T85BCCDAA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  T85BCCDAA Datasheet HTML 1Page - List of Unclassifed Manufacturers T85BCCDAA Datasheet HTML 2Page - List of Unclassifed Manufacturers T85BCCDAA Datasheet HTML 3Page - List of Unclassifed Manufacturers T85BCCDAA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5x7 mm TCVCXO
T85B Series
Supply Voltage (Vs):
Supply Voltage (Vs):
Power Supply (Vs)
Power Supply (Vs)
+3.3 Vdc +/-10%
+3.3 Vdc +/-10%
+5.0 Vdc +/-10%
+5.0 Vdc +/-10%
Product Code
C
D
Current Consumption:
CMOS
Clipped Sine Wave
Supply Current
6 mA
3.5 mA
Environmental:
Storage Temperature
-55 to +125
° C
Output Waveform:
CMOS
Clipped Sine Wave
HCMOS Output Levels (15pf load)
"0" < 0.1(Vs); "1" > 0.9(Vs)
Output Level 0.8 V p-p min.
Rise / Fall Time
<10ns (10% to 90%)
Duty Cycle
45 to 55% @ 50% Logic 1
Product Code
A
B
Pulling Range:
Tuning Range
None (TCXO)
+/- 5 ppm
Product Code
A
B
*Note: Only +/- 5 ppm minimum pull is available as a TCVCXO
Ordering Options:
Operating
Temperature
Frequency
Stability
Supply
Voltage
Output
Waveform
Pulling
Range
Operating
Frequency
C
A
C
A
A
D
B
D
B
B
C
xx.xxxxMHz
www.bliley.com
2545 West Grandview Blvd Erie, PA. 16506
Tel
(814) 838-3571
T85B C A C A B 10.0000MHz
Product Selection Code (refer to the above example):
This part is RoHs compliant; -20 to +70
° C, +/- 0.28 ppm, 3.3 volt CMOS output with +/- 5 ppm pull, 10MHz
operating frequency
** Not all combinations are available in this product.
Outline Drawing & Pin Out:
Page 2 of 4
Rev 1.2


Similar Part No. - T85BCCDAA

ManufacturerPart #DatasheetDescription
logo
EPCOS
T85-A230XF1 EPCOS-T85-A230XF1 Datasheet
29Kb / 2P
   SURGE ARRESTER 3-electrode arrester
logo
STMicroelectronics
T850 STMICROELECTRONICS-T850 Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
T850-600B STMICROELECTRONICS-T850-600B Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
T850-600B-TR STMICROELECTRONICS-T850-600B-TR Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
T850-600G STMICROELECTRONICS-T850-600G Datasheet
102Kb / 5P
   HIGH PERFORMANCE TRIAC
More results

Similar Description - T85BCCDAA

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M6029 MTRONPTI-M6029 Datasheet
220Kb / 1P
   5x7 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
M6029_0611 MTRONPTI-M6029_0611 Datasheet
250Kb / 2P
   5x7 mm, 3.0 Volt, Clipped Sinewave, TCXO/TCVCXO
MVX MTRONPTI-MVX Datasheet
231Kb / 1P
   5x7 mm, 3.0/3.3/5.0 Volt, Clipped Sinewave TCVCXO
M63001GBFPN MTRONPTI-M63001GBFPN Datasheet
624Kb / 3P
   5x7 mm, 1.8/2.5/3.3 V, LVPECL/LVDS/CML/CMOS, TCXO/TCVCXO
logo
IQD Frequency Products ...
LFTVXO075805 IQD-LFTVXO075805 Datasheet
143Kb / 2P
   TCVCXO
LFSPXO068248 IQD-LFSPXO068248 Datasheet
198Kb / 2P
   TCVCXO
LFTVXO009901 IQD-LFTVXO009901 Datasheet
708Kb / 2P
   TCVCXO
LFTVXO009909 IQD-LFTVXO009909 Datasheet
708Kb / 2P
   TCVCXO
LFTVXO075804 IQD-LFTVXO075804 Datasheet
143Kb / 2P
   TCVCXO
LFTVXO009916 IQD-LFTVXO009916 Datasheet
192Kb / 2P
   TCVCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com