Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C27566-SPPVXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C27566-SPPVXI
Description  PSoC??Mixed Signal Array
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27566-SPPVXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C27566-SPPVXI Datasheet HTML 7Page - Cypress Semiconductor CY8C27566-SPPVXI Datasheet HTML 8Page - Cypress Semiconductor CY8C27566-SPPVXI Datasheet HTML 9Page - Cypress Semiconductor CY8C27566-SPPVXI Datasheet HTML 10Page - Cypress Semiconductor CY8C27566-SPPVXI Datasheet HTML 11Page - Cypress Semiconductor CY8C27566-SPPVXI Datasheet HTML 12Page - Cypress Semiconductor CY8C27566-SPPVXI Datasheet HTML 13Page - Cypress Semiconductor CY8C27566-SPPVXI Datasheet HTML 14Page - Cypress Semiconductor CY8C27566-SPPVXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
June 1, 2004
Document No. 38-12019 Rev. *B
11
CY8C27x66 Preliminary Data Sheet
1. Pin Information
Table 1-4. 48-Pin Part Pinout (MLF*)
Pin
No.
Type
Pin
Name
Description
CY8C27666 48-Pin PSoC Device
Digital
Analog
1
IO
I
P2[3]
Direct switched capacitor block input.
2
IO
I
P2[1]
Direct switched capacitor block input.
3
IO
P4[7]
4
IO
P4[5]
5
IO
P4[3]
6
IO
P4[1]
7
Power
SMP
Switch Mode Pump (SMP) connection to
external components required.
8
IO
P3[7]
9
IO
P3[5]
10
IO
P3[3]
11
IO
P3[1]
12
IO
P5[3]
13
IO
P5[1]
14
IO
P1[7]
I2C Serial Clock (SCL)
15
IO
P1[5]
I2C Serial Data (SDA)
16
IO
P1[3]
17
IO
P1[1]
Crystal (XTALin), I2C Serial Clock (SCL)
18
Power
Vss
Ground connection.
19
IO
P1[0]
Crystal (XTALout), I2C Serial Data (SDA)
20
IO
P1[2]
21
IO
P1[4]
Optional External Clock Input (EXTCLK)
22
IO
P1[6]
23
IO
P5[0]
24
IO
P5[2]
25
IO
P3[0]
26
IO
P3[2]
27
IO
P3[4]
28
IO
P3[6]
29
Input
XRES
Active high pin reset with internal pull down.
30
IO
P4[0]
31
IO
P4[2]
32
IO
P4[4]
33
IO
P4[6]
34
IO
I
P2[0]
Direct switched capacitor block input.
35
IO
I
P2[2]
Direct switched capacitor block input.
36
IO
P2[4]
External Analog Ground (AGND)
37
IO
P2[6]
External Voltage Reference (VREF)
38
IO
I
P0[0]
Analog column mux input.
39
IO
IO
P0[2]
Analog column mux input and column output.
40
IO
IO
P0[4]
Analog column mux input and column output.
41
IO
I
P0[6]
Analog column mux input.
42
Power
Vdd
Supply voltage.
43
IO
I
P0[7]
Analog column mux input.
44
IO
IO
P0[5]
Analog column mux input and column output.
45
IO
IO
P0[3]
Analog column mux input and column output.
46
IO
I
P0[1]
Analog column mux input.
47
IO
P2[7]
48
IO
P2[5]
LEGEND: A = Analog, I = Input, and O = Output.
* The MLF package has a center pad that must be connected to the ground (Vss).
MLF
(Top View)
10
11
12
AI, P2[3]
AI, P2[1]
P4[7]
P4[5]
P4[3]
P4[1]
SMP
P3[7]
P3[5]
P3[3]
P3[1]
P5[3]
35
34
33
32
31
30
29
28
27
26
25
36
P2[2], AI
P2[0], AI
P4[6]
P4[4]
P4[2]
P4[0]
XRES
P3[6]
P3[4]
P3[2]
P3[0]
P2[4], External AGND
1
2
3
4
5
6
7
8
9


Similar Part No. - CY8C27566-SPPVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C27543 CYPRESS-CY8C27543 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C27543 CYPRESS-CY8C27543 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C27543 CYPRESS-CY8C27543 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C27543 CYPRESS-CY8C27543 Datasheet
1Mb / 63P
   PSoC짰 Programmable System-on-Chip?
CY8C27543 CYPRESS-CY8C27543 Datasheet
1Mb / 64P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C27566-SPPVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C22113 CYPRESS-CY8C22113_04 Datasheet
754Kb / 36P
   PSoC??Mixed Signal Array
CY8C24123 CYPRESS-CY8C24123 Datasheet
632Kb / 41P
   PSoC Mixed Signal Array
CY8C27143 CYPRESS-CY8C27143 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C21123 CYPRESS-CY8C21123 Datasheet
330Kb / 33P
   PSoC??Mixed-Signal Array
CY8C24123A CYPRESS-CY8C24123A Datasheet
499Kb / 47P
   PSoC Mixed-Signal Array
CY8C22213 CYPRESS-CY8C22213 Datasheet
2Mb / 304P
   PSoC Mixed Signal Array
CY8C21534 CYPRESS-CY8C21534 Datasheet
376Kb / 35P
   PSoC Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466 Datasheet
474Kb / 40P
   Mixed Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com