Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHW9242A Datasheet(PDF) 1 Page - Motorola, Inc

Part # MHW9242A
Description  The RF Line 152-Channel(1000Mhz) CATV Line Extender Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW9242A Datasheet(HTML) 1 Page - Motorola, Inc

  MHW9242A Datasheet HTML 1Page - Motorola, Inc MHW9242A Datasheet HTML 2Page - Motorola, Inc MHW9242A Datasheet HTML 3Page - Motorola, Inc MHW9242A Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MHW9242A
MOTOROLA RF DEVICE DATA
The RF Line
152-Channel (1000 MHz) CATV
Line Extender Amplifier
• Specified for 152–Channel Performance
• Broadband Power Gain  @ f = 40–1000 MHz
Gp = 24 dB
• Broadband Noise Figure
NF = 8 dB (Max) @ 1000 MHz
• Superior Gain, Return Loss and DC Current Stability with Temperature
• All Gold Metallization
• 7 GHz fT Ion–Implanted Transistors
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
RF Voltage Input (Single Tone)
Vin
+55
dBmV
DC Supply Voltage
VCC
+28
Vdc
Operating Case Temperature Range
TC
–20 to +100
°C
Storage Temperature Range
Tstg
–40 to +100
°C
ELECTRICAL CHARACTERISTICS (VCC = 24 Vdc, TC = +30°C, 75 Ω system unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency Range
BW
40
1000
MHz
Power Gain
50 MHz
1000 MHz
Gp
23.2
24
24.8
26
dB
Slope
40–1000 MHz
S
0
2.5
dB
Gain Flatness (40–1000 MHz, Peak–to–Valley)
1.0
dB
Return Loss — Input/Output (Zo = 75 Ohms)
@ 40 MHz
@ f > 40 MHz (Derate)
IRL/ORL
20
0.01
dB
dB/MHz
Composite Second Order
(Vout = +38 dBmV/ch; Worst Case)
152–Channel FLAT
(Vout = +38 dBmV/ch; Worst Case)
128–Channel FLAT
(Vout = +40 dBmV/ch;Worst Case )
110–Channel FLAT
(Vout = +44 dBmV/ch; Worst Case)
77–Channel FLAT
CSO152
CSO128
CSO110
CSO77
–66
–69
–69
–78
–61
dBc
Cross Modulation Distortion @ Ch 2
(Vout = +38 dBmV/ch., FM= 55 MHz)
152–Channel FLAT
(Vout = +38 dBmV/ch, FM = 55.25 MHz)
128–Channel FLAT
(Vout = +40 dBmV/ch, FM = 55.25 MHz)
110–Channel FLAT
(Vout = +44 dBmV/ch, FM = 55.25 MHz)
77–Channel FLAT
XMD152
XMD128
XMD110
XMD77
–62
–65
–63
–58
–59
dBc
Order this document
by MHW9242A/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MHW9242A
1000 MHz
24 dB GAIN
152–CHANNEL
CATV AMPLIFIER
CASE 714Y–03, STYLE 1
Motorola, Inc. 2002
REV 1


Similar Part No. - MHW9242A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW9242 MOTOROLA-MHW9242 Datasheet
46Kb / 2P
   24 dB GAIN 1000 MHz 152-CHANNEL CATV AMPLIFIER
More results

Similar Description - MHW9242A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW1254LA MOTOROLA-MHW1254LA Datasheet
274Kb / 4P
   The RF Line CATV AMPLIFIER MODULE
MHW8185L MOTOROLA-MHW8185L Datasheet
274Kb / 4P
   The RF Line CATV AMPLIFIER MODULE
MHW7222B MOTOROLA-MHW7222B Datasheet
116Kb / 4P
   The RF Line CATV Amplifier Module
MHW8205L MOTOROLA-MHW8205L Datasheet
108Kb / 4P
   The RF Line CATV Amplifier Module
MHW6272 MOTOROLA-MHW6272 Datasheet
60Kb / 2P
   77-Channel(550 MHz) CATV Line Extender Amplifier
logo
RFHIC
2F8720P RFHIC-2F8720P_14 Datasheet
214Kb / 5P
   CATV Line Amplifier
2F8725P RFHIC-2F8725P_14 Datasheet
215Kb / 5P
   CATV Line Amplifier
2F8719DS RFHIC-2F8719DS Datasheet
164Kb / 3P
   CATV Line Amplifier
2F8729D RFHIC-2F8729D Datasheet
228Kb / 4P
   CATV Line Amplifier
2F8723P RFHIC-2F8723P Datasheet
163Kb / 3P
   CATV Line Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com