Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TISPPBL2SDR Datasheet(PDF) 11 Page - Power Innovations Ltd

Part # TISPPBL2SDR
Description  PROGRAMMABLE OVERVOLTAGE PROTECTORS FOR ERICSSON COMPONENTS PBL 3xxx SLICS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISPPBL2SDR Datasheet(HTML) 11 Page - Power Innovations Ltd

Back Button TISPPBL2SDR Datasheet HTML 7Page - Power Innovations Ltd TISPPBL2SDR Datasheet HTML 8Page - Power Innovations Ltd TISPPBL2SDR Datasheet HTML 9Page - Power Innovations Ltd TISPPBL2SDR Datasheet HTML 10Page - Power Innovations Ltd TISPPBL2SDR Datasheet HTML 11Page - Power Innovations Ltd TISPPBL2SDR Datasheet HTML 12Page - Power Innovations Ltd TISPPBL2SDR Datasheet HTML 13Page - Power Innovations Ltd TISPPBL2SDR Datasheet HTML 14Page - Power Innovations Ltd TISPPBL2SDR Datasheet HTML 15Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
AUGUST 1999
TISPPBL2SD
PROGRAMMABLE OVERVOLTAGE PROTECTORS
FOR ERICSSON COMPONENTS PBL 3xxx SLICS
PR O D UC T
I N FO R M A T IO N
In the negative polarity, the PBL 3762A RING or TIP voltage must not exceed VBAT - 70. Continuously the
PBL 3762A can withstand a VBAT of -70 V and this implies a maximum peak voltage of -140 V. Figure 15 is
drawn for a VBAT of -50 V and so that the peak voltage becomes -120 V.
For 250 ns, the PBL 3762A will be able to withstand a voltage between VBAT -40V and VBAT -70V or -90V
and -120 V in this case. For 1 µs, the PBL 3796 will be able to withstand a voltage between VBAT -20V and
VBAT -40 V or -70 V and -90 V in this case. For 10 ms, the PBL 3796 will be able to withstand a voltage
between VBAT and VBAT -20 V or -50 V and -70 V in this case. By adding a series feed diode in the battery
feed the d.c. and 10 ms voltage withstands increase to -70 V, independent of the actual VBAT value.To protect
against negative overvoltage, the TISPPBL2S negative limiting voltage must be equal to or less than these
voltage values during the specified time periods.
The following table lists the protection requirements of three selections from different SLIC families. Two, the
PBL 3796 and the PBL 3762A, specify voltage withstand. The PBL 3796 specifies the negative voltages in
absolute terms and the PBL 3762A specifies the negative voltages in terms of voltage relative to the battery
supply voltage, VBAT.
Tertiary protection is incorporated in the PBL 386 20/1 SLIC and the withstand is specified in terms of current
into this protection. This type of SLIC also has more time periods specified for the current withstand values.
To co-ordinate the SLIC external secondary protection (TISPPBL2S) and the internal tertiary protection, a
series resistor, RP, is required between the two. The tertiary protection will develop about 1 V and the
withstand current through resistor RP will also develop a voltage. The sum of these voltages will determine the
required limiting voltage level of the TISPPBL2S. A suitable value for RP is 2 Ω.
The negative limiting voltage of the TISPPBL2S is defined as a 1 µs, -20 V pulse below the battery voltage
(Figure 2). This value does not exceed any of the voltage withstand levels listed in the SLIC withstand table. In
the positive polarity the TISPBL2S limits the maximum voltage to 8 V in a 1 µs period and between 1 V and
5 V for a 10 ms period. These values do not exceed the values listed in the SLIC withstand table.
Figure 15. TRANSIENT LIMITS FOR PBL 3762A WITHSTAND VOLTAGE
10 ms
1 µs
0.25 µs
PBL 3762A SLIC RING AND TIP VOLTAGE WITHSTAND
vs
TIME
0
5
10
15
Time
0.25 µs
1 µs
10 ms
-120
-110
-100
-90
-80
-70
-60
-50
D.C. and 10 ms pulse rating increased
to -70 V (independent of V
BAT value)
by use of series battery feed diode
V
BAT - 40 V
V
BAT - 70 V
V
BAT - 20 V
V
BAT
AI6XBC


Similar Part No. - TISPPBL2SDR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISPPBL2SDR BOURNS-TISPPBL2SDR Datasheet
214Kb / 14P
   PROGRAMMABLE OVERVOLTAGE PROTECTORS FOR ERICSSON COMPONENTS PBL 3xxx SLICS
More results

Similar Description - TISPPBL2SDR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISPPBL2SD BOURNS-TISPPBL2SD Datasheet
214Kb / 14P
   PROGRAMMABLE OVERVOLTAGE PROTECTORS FOR ERICSSON COMPONENTS PBL 3xxx SLICS
logo
Power Innovations Ltd
R3612 POINN-R3612 Datasheet
222Kb / 16P
   PROGRAMMABLE OVERVOLTAGE PROTECTOR FOR ERICSSON COMPONENTS 3357/3 DCLIC
logo
Bourns Electronic Solut...
TISPPBL1D BOURNS-TISPPBL1D Datasheet
249Kb / 18P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS
logo
Power Innovations Ltd
TISPPBL1D POINN-TISPPBL1D Datasheet
364Kb / 19P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS FOR ERICSSON COMPONENTS SLICS?
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com