Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCA-15 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MCA-15
Description  15W Ultraminiature Modular Switching Power Supplies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCA-15 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MCA-15 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCA-15 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCA-15 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCA-15 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCA-15 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
15W Ultraminiature Modular Switching Power Supplies
M C A - 1 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.
INPUT SPECIFICATIONS
Input Voltage, Nominal
85-265VAC
Nominal: 100-240VAC
Input Frequency
47-440 Hz, 50-60Hz Nom.
Inrush Current
20A @ 100VAC, typ
40A @ 200VAC, typ
OUTPUT SPECIFICATIONS
Output Voltage/Current
See Specific Model
Initial Accuracy
+/-1%, adjustable
Voltage Adjust
+/-6%, typ
Load Regulation
+/-0.3%, typ
Line Regulation
+/-0.3%, typ
Temperature Coefficient
+/-0.03%/°C
Ripple/Noise(20Mhz BW)
150mV Pk-Pk, typ
Overvoltage Protection
Clamp, 130-150% *
Hold Up Time
30mS, typ
Short Circuit Protection
Continuous, self-recovering *
Current Limit
130% typ,Self-Reset Foldback
GENERAL SPECIFICATIONS
On/Off Control
Open Collector
Logic “1”/Open=ON
Logic “0”/GND=OFF
Input-Out Isolation
3000VAC
Output-Ground Isolation
1000VAC
Input-Ground Isolation
2500VAC
Operating Frequency
140 Khz, fixed
Efficiency (@ Full Load)
75 - 80%, typ
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
0 to +50°C FL See Derate *
(Free-air Convection)
Relative Humidity
0-95%, Non-Condensing
Storage Temperature
-25 to +71°C *
MTBF, Single/Multi Output
180,000 Hrs/110,000 Hrs
Mil Std 217, 25C
PHYSICAL SPECIFICATIONS
Case Material
Rynite, 94V-0 Rated
Construction
Encapsulated, Soft Pot
Weight
PCB / CHA
5.6 oz (158g) / 8.9 oz (250g)


Similar Part No. - MCA-15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
More results

Similar Description - MCA-15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
ECA-15 ASTRODYNE-ECA-15 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
MMA-15 ASTRODYNE-MMA-15 Datasheet
1Mb / 5P
   15W Medical Grade Ultraminiature Switching Power Supplies
ASM15 ASTRODYNE-ASM15 Datasheet
753Kb / 3P
   15W Ultraminiature Medical Grade Switching Power Supplies
MCA-5 ASTRODYNE-MCA-5 Datasheet
1Mb / 5P
   5W Ultraminiature Modular Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
MCA-30 ASTRODYNE-MCA-30 Datasheet
1Mb / 5P
   30W Ultraminiature Modular Switching Power Supplies
MCA10 ASTRODYNE-MCA10 Datasheet
1,000Kb / 6P
   10W Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com