Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89689PF Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB89689PF
Description  8-bit Proprietary Microcontroller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89689PF Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB89689PF Datasheet HTML 1Page - Fujitsu Component Limited. MB89689PF Datasheet HTML 2Page - Fujitsu Component Limited. MB89689PF Datasheet HTML 3Page - Fujitsu Component Limited. MB89689PF Datasheet HTML 4Page - Fujitsu Component Limited. MB89689PF Datasheet HTML 5Page - Fujitsu Component Limited. MB89689PF Datasheet HTML 6Page - Fujitsu Component Limited. MB89689PF Datasheet HTML 7Page - Fujitsu Component Limited. MB89689PF Datasheet HTML 8Page - Fujitsu Component Limited. MB89689PF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
2
MB89680 Series
s PRODUCT LINEUP
* : Varies with conditions such as the operating frequency. (See section “s ELECTRICAL CHARACTERISTICS.”)
MB89P689
MB89W689
MB89PV680
Classification
Mass-produced
product
(mask ROM product)
One-time PROM
product
EPROM product
Piggyback/
evaluation product
(for development)
ROM size
60 K
× 8 bits
(internal mask ROM)
60 K
× 8 bits
(internal PROM)
60 K
× 8 bits
(internal EPROM)
60 K
× 8 bits
(external ROM)
RAM size
2.0 K
× 8 bits
Instruction bit length
8 bits
Instruction length
1 byte to 3 bytes
Data bit length
1, 8, 16 bits
Number of instructions
136
Clock generator
Built-in
Minimum execution time
0.5
µs/8 MHz to 8 µs/8 MHz, 61 µs/32.768 kHz
Interrupt processing time
4.5
µs/8 MHz to 72 µs/8 MHz, 562.5 µs/32.768 kHz
Ports
( ) indicate dual function
ports
Output ports (N-ch open-drain):
21 (8)
Output ports (CMOS):
8 (0)
I/O ports (N-ch open-drain):
8 (6)
I/O ports (CMOS):
48 (29)
Total:
85 (43)
8-bit PWM timer
8 bits
× 1 channel
8/16-bit timer/counter
8 bits
× 2 channels, or 16 bits × 1 channel
8-bit serial I/O
With 1-byte buffer
× 1 channel
8-bit A/D converter
8 bits
× 8 channels
UART
Full-duplex double buffer
Transfer data length: 6 bits to 8 bits
8 baud rates selectability, external clock available
Pulse width counter
5-bit noise reduction circuit
Pulse edge detectable and selectable (rising, falling, and both edges)
Software modem
transmission circuit
1200-bps/2400-bps modem output
External interrupt
16 channels
Timebase timer
21 bits
Watch prescaler
15 bits
Standby mode
Watch mode, subclock mode, sleep mode, and stop mode
Process
CMOS
Power supply voltage*
2.2 V to 6.0 V
2.7 V to 6.0 V
EPROM for use
MBM27C512-20TV
MB89689
Part number
Item


Similar Part No. - MB89689PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89689PF FUJITSU-MB89689PF Datasheet
697Kb / 43P
   8-bit Proprietary Microcontroller
More results

Similar Description - MB89689PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
   8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
   8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
   8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
   8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
   8-bit Proprietary Microcontroller
MB89151 FUJITSU-MB89151 Datasheet
763Kb / 52P
   8-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com